Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCT6PTR Datasheet(PDF) 339 Page - STMicroelectronics

Part # STM32L552VCT6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PTR Datasheet(HTML) 339 Page - STMicroelectronics

Back Button STM32L552VCT6PTR Datasheet HTML 332Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 333Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 334Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 335Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 336Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 337Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 338Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 339Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 340Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 339 / 340 page
background image
DS12737 Rev 6
339/340
STM32L552xx
Revision history
339
14-May-2020
4 (continued)
Updated Table 102: I/O static characteristics.
Updated Table 146: OCTOSPI characteristics in SDR
mode.
Updated Table 147: OCTOSPI characteristics in DTR
mode (no DQS).
Updated Table 148: OCTOSPI characteristics in DTR
mode (with DQS)/Octal and HyperBus.
Updated Table 150: Dynamics characteristics: SD /
eMMC characteristics, VDD=2.7V to 3.6 V.
Updated Table 151: Dynamics characteristics: eMMC
characteristics VDD=1.71 V to 1.9 V.
Updated Section 6: Package information.
Updated Table 163: STM32L552xx ordering information
scheme.
09-Sep-2020
5
Updated:
– Table 10: STM32L552xx modes overview.
– Section 3.28: True random number generator (RNG).
– Table 77: Current consumption in Stop 1 mode.
– Table 80: Current consumption in Shutdown mode.
– Table 82: Peripheral current consumption.
– Table 83: Low-power mode wakeup timings.
21-Oct-2020
6
Updated:
– Table 10: STM32L552xx modes overview.
– Table 14: Temperature sensor calibration values
– Table 21: STM32L552xx pin definitions
– Table 77: Current consumption in Stop 1 mode
– Table 80: Current consumption in Shutdown mode.
– Table 83: Low-power mode wakeup timings
– Table 117: VREFBUF characteristics
– Table 121: VBAT monitoring characteristics
– Section 3.28: True random number generator (RNG)
Added
– Figure 46: VREFBUF in case VRS = 0
– Figure 47: VREFBUF in case VRS = 1
Table 164. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com