Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI6PTR Datasheet(PDF) 230 Page - STMicroelectronics

Part # STM32L552VCI6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI6PTR Datasheet(HTML) 230 Page - STMicroelectronics

Back Button STM32L552VCI6PTR Datasheet HTML 226Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 227Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 228Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 229Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 230Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 231Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 232Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 233Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 340 page
background image
5.3.15
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 102 are derived from tests performed under the conditions summarized
in Table 27: General operating conditions. All I/Os are designed as CMOS- and TTL-compliant.
Table 102. I/O static characteristics
Sym
bol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(1)
I/O input low level
voltage
All IOs except FT_c
1.62 V < VDDIOx < 3.6 V
-
-
0.3×VDDIOx (2)
V
1.62 V < VDDIOx < 3.6 V
-
-
0.39×VDDIOx-0.06(2)
1.08 V < VDDIOx < 1.62 V
-
-
0.43×VDDIOx-0.1(2)
FT_c
1.62 V < VDDIOx < 3.6 V
-
-
0.3×VDDIOX(2)
1.62 V < VDDIOx < 3.6 V
-
-
0.25×VDDIOX(2)
1.08 V < VDDIOx < 1.62 V
-
-
0.2×VDDIOX(2)
VIH(1)
I/O input high level
voltage
All IOs except FT_c
1.62 V < VDDIOx < 3.6 V
0.7×VDDIOx(2)
--
V
1.62 V < VDDIOx < 3.6 V
0.49×VDDIOX+0.26(2)
--
1.08 V < VDDIOx < 1.62 V
0.61×VDDIOX+0.05(2)
--
FT_c
1.62 V < VDDIOx < 3.6 V
0.7×VDDIOX(2)
-5
1.08 V < VDDIOx < 1.62 V
0.7×VDDIOX(2)
-5
Vhys(2) Input hysteresis
TT_xx, FT_xx and
NRST
1.62 V < VDDIOx < 3.6 V
-
200
-
mV
FT_sx
1.08 V < VDDIOx < 1.62 V
-
150
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com