Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI6PTR Datasheet(PDF) 331 Page - STMicroelectronics

Part # STM32L552VCI6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI6PTR Datasheet(HTML) 331 Page - STMicroelectronics

Back Button STM32L552VCI6PTR Datasheet HTML 327Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 328Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 329Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 330Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 331Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 332Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 333Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 334Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 335Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 340 page
background image
DS12737 Rev 6
331/340
STM32L552xx
Package information
333
6.8.1
Reference document
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (Still Air). Available from www.jedec.org
6.8.2
Selecting the product temperature range
When ordering the microcontroller, the temperature range is specified in the ordering
information scheme shown in Section 7: Ordering information.
Each temperature range suffix corresponds to a specific guaranteed ambient temperature at
maximum dissipation and, to a specific maximum junction temperature.
ΘJC
Thermal resistance junction-case
LQFP144 20 x 20 mm
13.5
°C/W
Thermal resistance junction-case
LQFP100 - 14 × 14 mm
14
Thermal resistance junction-case
LQFP64 10 x 10 mm
14.2
Thermal resistance junction-case
LQFP48 7 x 7 mm
14.4
Thermal resistance junction-case
UFQFPN48 7 x 7 mm
1.5
Thermal resistance junction-case
UFBGA132 7 x 7 mm
38.1
Thermal resistance junction-case
WLCSP81 4.36 x 4.07 mm
1.5
ΘJB
Thermal resistance junction-board
LQFP144 20 x 20 mm
43.3
°C/W
Thermal resistance junction-board
LQFP100 - 14 × 14 mm
41.5
Thermal resistance junction-board
LQFP64 10 x 10 mm
39.5
Thermal resistance junction-board
LQFP48 7 x 7 mm
37.4
Thermal resistance junction-board
UFQFPN48 7 x 7 mm
13.5
Thermal resistance junction-board
UFBGA132 7 x 7 mm
13.2
Thermal resistance junction-board
WLCSP81 4.36 x 4.07 mm
27
Table 162. Package thermal characteristics (continued)
Symbol
Parameter
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com