| Electronic Components Datasheet Search |
|
STM32L552CCU3PTR Datasheet(PDF) 168 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU3PTR Datasheet(HTML) 168 Page - STMicroelectronics |
|
168 / 340 page ![]() Table 48. Current consumption in Run mode, code with data processing running from SRAM2 and power supplied by internal SMPS step down converter Symbol Parameter Conditions TYP MAX Unit - Voltage scaling fHCLK 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C IDD (Run) Supply current in Run mode fHCLK = fHSE up to 48 MHz included, bypass mode PLL ON above 48 MHz all peripherals disabled Range 2 SMPS LP mode 26 MHz 1.86 1.96 2.43 3.12 4.43 2.22 3.49 6.48 10.14 15.89 mA 16 MHz 1.22 1.33 1.79 2.50 3.751.612.87 5.839.48 15.21 8 MHz 0.71 0.83 1.28 1.99 3.24 1.11 2.37 5.32 8.95 14.64 4 MHz 0.456 0.58 1.03 1.74 2.99 0.86 2.12 5.07 8.69 14.36 2 MHz 0.32 0.46 0.90 1.60 2.86 0.74 1.99 4.94 8.56 14.22 1 MHz 0.26 0.40 0.84 1.54 2.79 0.71 1.96 4.9 8.52 14.18 100 KHz 0.20 0.34 0.78 1.49 2.73 0.62 1.87 4.81 8.43 14.07 Range 0 SMPS HP mode 110 MHz 11.04 11.78 12.75 14.05 16.87 12.16 14.52 19.77 25.94 35.47 Range 1 SMPS HP mode 80 MHz 7.00 7.29 8.40 9.44 11.33 8.23 10.44 14.63 19.73 27.8 72 MHz 6.34 6.62 7.64 8.72 10.59 7.49 9.79 13.98 19.05 27.08 64 MHz 5.68 5.95 6.82 8.00 9.86 6.8 8.97 13.41 18.39 26.39 48 MHz 4.35 4.61 5.30 6.51 8.38 5.39 7.53 12.27 17.03 24.99 32 MHz 3.02 3.26 3.91 4.89 6.89 3.98 6.11 10.94 15.72 23.52 24 MHz 2.35 2.58 3.22 4.18 6.11 3.28 5.4 10.17 15.11 22.8 16 MHz 1.68 1.90 2.53 3.49 5.31 2.58 4.68 9.42 14.54 22.09 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |