| Electronic Components Datasheet Search |
|
STM32L552CCU3PTR Datasheet(PDF) 186 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU3PTR Datasheet(HTML) 186 Page - STMicroelectronics |
|
186 / 340 page ![]() Table 66. Current consumption in Run mode, code with data processing running from Flash in dual bank, ICACHE on in 1-way and power supplied by external SMPS Symbol Parameter Conditions(1) TYP Unit - VDD12 fHCLK 25°C 55°C 85°C 105°C 125°C IDD(Run) Supply current in Run mode fHCLK = fHSE up to 48 MHz included, bypass mode PLL ON above 48 MHz all peripherals disabled VDD12=1.2V 110 MHz 6.47 6.72 7.34 8.02 9.68 mA VDD12=1.1V 80 MHz 3.97 4.15 4.64 5.33 6.55 72 MHz 3.58 3.76 4.25 4.94 6.15 64 MHz 3.2 3.38 3.86 4.54 5.75 48 MHz 2.42 2.59 3.06 3.74 4.95 32 MHz 1.65 1.81 2.27 2.95 4.13 26 KHz 1.114 1.237 1.603 2.157 3.153 16 MHz 0.719 0.834 1.201 1.74 2.732 8 MHz 0.399 0.514 0.877 1.416 2.401 4 MHz 0.237 0.352 0.708 1.251 2.229 2 MHz 0.155 0.273 0.629 1.165 2.15 1 MHz 0.115 0.23 0.586 1.129 2.103 100 KHz 0.079 0.194 0.55 1.086 2.067 1. All values are obtained by calculation based on measurements done with internal voltage regulator and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |