Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCU3QXXX Datasheet(PDF) 168 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 164Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 165Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 166Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 167Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 168Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 169Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 170Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 171Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 340 page
background image
Table 48. Current consumption in Run mode, code with data processing
running from SRAM2 and power supplied by internal SMPS step down converter
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C 105°C 125°C 25°C
55°C
85°C 105°C 125°C
IDD
(Run)
Supply current
in Run mode
fHCLK = fHSE up
to 48 MHz
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disabled
Range 2
SMPS LP
mode
26 MHz
1.86
1.96
2.43
3.12
4.43
2.22
3.49
6.48
10.14 15.89
mA
16 MHz
1.22
1.33
1.79
2.50
3.751.612.87
5.839.48
15.21
8 MHz
0.71
0.83
1.28
1.99
3.24
1.11
2.37
5.32
8.95
14.64
4 MHz
0.456
0.58
1.03
1.74
2.99
0.86
2.12
5.07
8.69
14.36
2 MHz
0.32
0.46
0.90
1.60
2.86
0.74
1.99
4.94
8.56
14.22
1 MHz
0.26
0.40
0.84
1.54
2.79
0.71
1.96
4.9
8.52
14.18
100 KHz
0.20
0.34
0.78
1.49
2.73
0.62
1.87
4.81
8.43
14.07
Range 0
SMPS HP
mode
110 MHz 11.04
11.78
12.75 14.05 16.87 12.16 14.52 19.77 25.94 35.47
Range 1
SMPS HP
mode
80 MHz
7.00
7.29
8.40
9.44
11.33
8.23
10.44 14.63 19.73
27.8
72 MHz
6.34
6.62
7.64
8.72
10.59
7.49
9.79
13.98 19.05 27.08
64 MHz
5.68
5.95
6.82
8.00
9.86
6.8
8.97
13.41 18.39 26.39
48 MHz
4.35
4.61
5.30
6.51
8.38
5.39
7.53
12.27 17.03 24.99
32 MHz
3.02
3.26
3.91
4.89
6.89
3.98
6.11
10.94 15.72 23.52
24 MHz
2.35
2.58
3.22
4.18
6.11
3.28
5.4
10.17
15.11
22.8
16 MHz
1.68
1.90
2.53
3.49
5.31
2.58
4.68
9.42
14.54 22.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com