Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCU3QXXX Datasheet(PDF) 226 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 226 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 222Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 223Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 224Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 225Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 226Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 227Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 228Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 229Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 340 page
background image
Electrical characteristics
STM32L552xx
226/340
DS12737 Rev 6
5.3.11
Flash memory characteristics
Table 95. Flash memory characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions
Typ
Max
Unit
tprog
64-bit programming time
-
81.69
83.35
µs
tprog_row
One row (64 double
word) programming time
Normal programming
2.61
2.67
ms
Fast programming
NA
NA
tprog_page
One page (4 Kbytes)
programming time
Normal programming
20.91
21.34
Fast programming
NA
NA
tERASE
Page (4 Kbytes) erase
time
-
22.02
24.47
tprog_bank
One bank (1 Mbyte)
programming time
Normal programming
2.68
2.73
s
Fast programming
NA
NA
tME
Mass erase time
(one or two banks)
-
22.13
24.59
ms
IDD
Average consumption
from VDD
Write mode
3.1
NA
mA
Erase mode
3.1
NA
Maximum current (peak)
Write mode
NA
NA
Erase mode
NA
NA
Table 96. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
1. Guaranteed by characterization results.
Unit
NEND
Endurance
TA = –40 to +105 °C
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
2. Cycling performed over the whole temperature range.
30
Years
1 kcycle(2) at TA = 105 °C
15
1 kcycle(2) at TA = 125 °C
7
10 kcycles(2) at TA = 55 °C
30
10 kcycles(2) at TA = 85 °C
15
10 kcycles(2) at TA = 105 °C
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com