Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCU3QXXX Datasheet(PDF) 317 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 317 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 313Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 314Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 315Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 316Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 317Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 318Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 319Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 320Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 321Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 340 page
background image
DS12737 Rev 6
317/340
STM32L552xx
Package information
333
6.4
WLCSP81 package information
WLCSP81 is a 81-ball, 4.36 x 4.07 mm, 0.4 mm pitch, wafer level chip scale package.
Figure 85. WLCSP81 outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
Table 156. WLCSP81 mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
0.59
-
-
0.023
A1
-
0.18
-
-
0.007
-
A2
-
0.38
-
-
0.015
-
A3(3)
-
0.025
-
-
0.001
-
b
0.22
0.25
0.28
0.009
0.010
0.011
D
4.33
4.36
4.39
0.170
0.172
0.173
E
4.05
4.07
4.09
0.159
0.160
0.161
B01H_WLCSP81_ME_V1
D
E
A1 BALL LOCATION
e
e
e2
e1
F
G
(4x)
aaa
A
A2
bbb Z
A1
A3
A2
b
Z
eee Z
b(81x)
ccc
ZX Y
ddd
Z
SEATING PLANE
FRONT VIEW
TOP VIEW
BOTTOM VIEW
SIDE VIEW
DETAIL A
DETAIL A
ROTATED 90
BUMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com