Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE4JCU7TR Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 136Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 137Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 138Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 139Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 140Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 141Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 142Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 143Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 145 page
background image
Package information
STM32WLE5/E4xx
140/145
DS13105 Rev 8
6.4
Package thermal characteristics
The maximum chip junction temperature (TJ max) must never exceed the values given in
Table 25: General operating conditions.
The maximum chip-junction temperature, TJ max (in °C), can be calculated using the
equation:
TJ max = TA max + (PD max x ΘJA)
where:
•
TA max is the maximum ambient temperature in °C.
•
ΘJA is the package junction-to-ambient thermal resistance, in °C/W.
•
PD max is the sum of PINT max and PI/O max (PD max = PINT max + PI/O max).
•
PINT max is the product of IDD and VDD, expressed in Watt. This is the maximum chip
internal power.
PI/O max represents the maximum power dissipation on output pins:
PI/O max = Σ (VOL × IOL) + Σ ((VDD – VOH) × IOH)
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the
application.
When the SMPS is used, a portion of the power consumption is dissipated into the external
inductor, therefore reducing the device power dissipation. This portion depends mainly on
the inductor ESR characteristics.
As the radiated RF power is quite low (< 4 mW), it is not necessary to remove it from the
device power consumption.
RF characteristics (such as sensitivity, Tx power consumption) are provided up to 85 °C.
Table 98. Package thermal characteristics
Symbol
Parameter
Value
Unit
ΘJA
Thermal resistance junction-ambient
UFBGA73 - 5 x 5 mm
UFQFPN48 - 7 x 7 mm
WLCSP59
20.1
27.4
TBD
°C/W
ΘJB
Thermal resistance junction-board
UFBGA73 - 5 x 5 mm
UFQFPN48 - 7 x 7 mm
WLCSP59
20.2
11.7
TBD
ΘJC
Thermal resistance junction-top case
UFBGA73 - 5 x 5 mm
UFQFPN48 - 7 x 7 mm
WLCSP59
31.1
8.5
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com