Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC8221 Datasheet(PDF) 101 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 101 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 97Page - Microsemi Corporation VSC8221 Datasheet HTML 98Page - Microsemi Corporation VSC8221 Datasheet HTML 99Page - Microsemi Corporation VSC8221 Datasheet HTML 100Page - Microsemi Corporation VSC8221 Datasheet HTML 101Page - Microsemi Corporation VSC8221 Datasheet HTML 102Page - Microsemi Corporation VSC8221 Datasheet HTML 103Page - Microsemi Corporation VSC8221 Datasheet HTML 104Page - Microsemi Corporation VSC8221 Datasheet HTML 105Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
101 of 106
106
20E.7:6 - Media Mode Status
Bits 20E.7:6 reflect the media interface status.
20E.5 - SerDes Line impedance
The internal termination impedance of the high speed serial interface inside the VSC8221 can be selected using bit 20E.5. This
applies to the SerDes/SGMii pins on the device. The reset value of this bit is determined by the SerDes Line impedance bit in
the CMODE hardware configuration.
20E.4 - Enable Link Speed Auto-Downshift
When bit 20E.4 is set to a “1”, the VSC8221 will “downshift” the auto-negotiation advertisement to 100BASE-TX after the
number of failed 1000BASE-T auto-negotiation attempts specified in bits 20E.3:2. The reset value of this bit is determined by
the Link Speed Downshift bit in the CMODE hardware configuration.
20E.3:2 - Link Speed Auto-Downshift Control
Bits 20E.3:2 determine the number of unsuccessful 1000BASE-T auto-negotiation attempts that are required before the auto-
negotiation advertisement is “downshifted” to 100BASE-TX. These bits are valid only if bit 20E.4 is set.
20E.1 - Link Speed Auto-Downshift Status
When bit 20E.1 is set to a “1” and bit 20E.4 is set to a “1”, the current link speed is the result of a “downshift” to 100BASE-TX.
When bit 20E.1 is set to a “1” and bit 20E.4 is cleared, the current link requires a “downshift” in order to be established.
20E.0 - Reserved
23.3.6 Register 21E (15h) - EEPROM interface Status and Control Register
Register 21E (15h) - EEPROM interface Status and Control Register
Bit
Name
Access
States
Reset Value
Sticky
15
SFP MODE
R/W
1 = SFP MODE
0 = iEEE MODE
CMODE
SS
14
Re-Read EEPROM on Software
Reset
R/W
1 = Contents of EEPROM should be re-
read on software reset
0 = Contents of EEPROM should not be
re-read on software reset
0
SS
13
EEPROM Access Enable
R/W
SC
1 = Execute read or write to EEPROM
0
12
EEPROM Read/Write
R/W
1 = Read from EEPROM
0 = Write to EEPROM
1
11
EEPROM Ready1
1 After an EEPROM write operation, the station manager or controller must wait an additional 10 ms before performing the next EEPROM read or write operation.
This delay is needed for the EEPROM to complete its internal memory write process. Note that this additional wait is not needed after an EEPROM read operation.
RO
1 = EEPROM is ready for read/write
0 = EEPROM is busy
1
10:0
EEPROM Address
R/W
EEPROM address to read/write
000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com