Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB2XT-EST Datasheet(PDF) 117 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 117 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 113Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 114Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 115Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 116Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 117Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 118Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 119Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 120Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 117
MCP47FXBX4/8
C.7
Offset Error (EOS)
The Offset error is the delta voltage of the VOUT
voltage from the ideal output voltage at the specified
code. This code is specified where the output amplifier
is
in
the
linear
operating
range;
for
the
MCP47FXBX4/8, we specify code 100 (decimal). Off-
set error does not include Gain error, see Figure C-2.
This error is expressed in mV. Offset error can be neg-
ative or positive. The Offset error can be calibrated by
software in application circuits.
FIGURE C-2:
OFFSET ERROR (ZERO
GAIN ERROR).
C.8
Offset Error Drift (EOSD)
The Offset Error Drift is the variation in Offset error due
to a change in ambient temperature. The Offset Error
Drift is typically expressed in ppm/°C or µV/°C.
C.9
Gain Error (EG)
Gain error is a calculation based on the ideal slope
using the voltage boundaries for the linear range of the
output driver (code 100 and code 4000) (see Figure C-
3). The Gain error calculation nullifies the device’s
Offset error.
The Gain error indicates how well the slope of the
actual transfer function matches the slope of the ideal
transfer function. The gain error is usually expressed
as a percent of Full-Scale Range (% of FSR) or in LSb.
FSR is the ideal full-scale voltage of the DAC (see
Equation C-5).
FIGURE C-3:
GAIN ERROR AND FULL-
SCALE ERROR EXAMPLE.
EQUATION C-5:
EXAMPLE GAIN ERROR
C.10
Gain Error Drift (EGD)
The Gain Error Drift is the variation in Gain error due to
a change in ambient temperature. The Gain Error Drift
is typically expressed in ppm/°C (of FSR).
Ideal Transfer
Actual
DAC Input Code
0
Zero-Scale
Error (EZS)
Offset
Function
100
4000
Error (EOS)
Transfer
Function
Ideal Transfer
Actual
DAC Input Code
0
Full-Scale
Error (EFS)
Gain Error (EG)
Function
100
4000
4095
VREF
Transfer
Function
(at code = 4000)
Ideal Transfer
Function Shifted by
Offset Error
(crosses at start of
defined linear range)
Where:
EG is expressed in % of FSR.
VOUT(@4000) = The measured DAC
output voltage at the
specified code
VOUT_Ideal(@4000) = The calculated DAC
output voltage at the
specified code
(4000 × VLSb(Ideal))
VOS = Measured offset voltage
VFull-Scale Range = Expected full-scale
output value (such as the
VREF voltage)
EG
VOUT(@4000) VOS
–
VOUT_Ideal(@4000)
–

VFull-Scale Range
---------------------------------------------------------------------------------------------------------------------- 100
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com