Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VR4102 Datasheet(PDF) 213 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 213 Page - NEC

Back Button VR4102 Datasheet HTML 209Page - NEC VR4102 Datasheet HTML 210Page - NEC VR4102 Datasheet HTML 211Page - NEC VR4102 Datasheet HTML 212Page - NEC VR4102 Datasheet HTML 213Page - NEC VR4102 Datasheet HTML 214Page - NEC VR4102 Datasheet HTML 215Page - NEC VR4102 Datasheet HTML 216Page - NEC VR4102 Datasheet HTML 217Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 701 page
background image
213
CHAPTER 8 CACHE MEMORY
This chapter describes in detail the cache memory: its place in the VR4100 CPU core memory organization, and
individual organization of the caches.
This chapter uses the following terminology:
— The data cache may also be referred to as the D-cache.
— The instruction cache may also be referred to as the I-cache.
These terms are used interchangeably throughout this book.
8.1 MEMORY ORGANIZATION
Figure 8-1 shows the VR4100 CPU core system memory hierarchy. In the logical memory hierarchy, the caches
lie between the CPU and main memory. They are designed to make the speedup of memory accesses transparent
to the user.
Each functional block in Figure 8-1 has the capacity to hold more data than the block above it. For instance,
physical main memory has a larger capacity than the caches. At the same time, each functional block takes longer
to access than any block above it. For instance, it takes longer to access data in main memory than in the CPU on-
chip registers.
Figure 8-1. Logical Hierarchy of Memory
VR4100 CPU core
Register
Register
I-cache
D-cache
Cache
Main memory
Disc, CD-ROM,
tape, etc.
Register
Cache
Memory
Memory
media
Faster
access time
Increasing
data capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com