Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1V-90UT Datasheet(PDF) 108 Page - STMicroelectronics

Part # PSD813F1V-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-90UT Datasheet(HTML) 108 Page - STMicroelectronics

Back Button PSD813F1V-90UT Datasheet HTML 102Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 103Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 104Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 105Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 106Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 107Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 108Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 109Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 110Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 108 / 110 page
background image
PSD813F1V
108/110
APPENDIX C. TQFP64 PIN ASSIGNMENTS
Table 81. TQFP64 Connections (Figure 4)
Pin Number
Pin Assignments
1PD2
2PD1
3PD0
4PC7
5PC6
6PC5
7
VCC
8
VCC
9
VCC
10
GND
11
GND
12
PC3
13
PC2
14
PC1
15
PC0
16
NC
17
NC
18
NC
19
PA7
20
PA6
21
PA5
22
PA4
23
PA3
24
GND
25
GND
26
PA2
27
PA1
28
PA0
29
AD0
30
AD1
31
N/D
32
AD2
Pin Number
Pin Assignments
33
AD3
34
AD4
35
AD5
36
AD6
37
AD7
38
VCC
39
VCC
40
AD8
41
AD9
42
AD10
43
AD11
44
AD12
45
AD13
46
AD14
47
AD15
48
CNTL0
49
NC
50
RESET
51
CNTL2
52
CNTL1
53
PB7
54
PB6
55
GND
56
GND
57
PB5
58
PB4
59
PB3
60
PB2
61
PB1
62
PB0
63
NC
64
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com