Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32X Datasheet(PDF) 137 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 137 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 133Page - STMicroelectronics LSM6DSO32X Datasheet HTML 134Page - STMicroelectronics LSM6DSO32X Datasheet HTML 135Page - STMicroelectronics LSM6DSO32X Datasheet HTML 136Page - STMicroelectronics LSM6DSO32X Datasheet HTML 137Page - STMicroelectronics LSM6DSO32X Datasheet HTML 138Page - STMicroelectronics LSM6DSO32X Datasheet HTML 139Page - STMicroelectronics LSM6DSO32X Datasheet HTML 140Page - STMicroelectronics LSM6DSO32X Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 162 page
background image
15.27
SLV2_SUBADD (1Ch)
Address of register on the third external sensor (Sensor 3) register (r/w)
Table 389. SLV2_SUBADD register
Slave2_
reg7
Slave2_
reg6
Slave2_
reg5
Slave2_
reg4
Slave2_
reg3
Slave2_
reg2
Slave2_
reg1
Slave2_
reg0
Table 390. SLV2_SUBADD register description
Slave2_reg[7:0]
Address of register on Sensor 3 that has to be read/written according to the r_2 bit value in SLV2_ADD
(1Bh).
15.28
SLAVE2_CONFIG (1Dh)
Third external sensor (Sensor 3) configuration register (r/w)
Table 391. SLAVE2_CONFIG register
0(1)
0(1)
0(1)
0(1)
BATCH_EXT
_SENS_2_EN
Slave2_
numop2
Slave2_
numop1
Slave2_
numop0
1. This bit must be set to ‘0’ for the correct operation of the device.
Table 392. SLAVE2_CONFIG register description
BATCH_EXT_SENS_2_EN
Enable FIFO data batching of third slave. Default value: 0
Slave2_numop[2:0]
Number of read operations on Sensor 3. Default value: 000
15.29
SLV3_ADD (1Eh)
I²C slave address of the fourth external sensor (Sensor 4) register (r/w)
Table 393. SLV3_ADD register
Slave3_
add6
Slave3_
add5
Slave3_
add4
Slave3_
add3
Slave3_
add2
Slave3_
add1
Slave3_
add0
r_3
Table 394. SLV3_ADD register description
Slave3_add[6:0]
I²C slave address of Sensor 4 that can be read by the sensor hub.
r_3
Read operation on Sensor 4 enable. Default value: 0
(0: read operation disabled; 1: read operation enabled)
LSM6DSO32X
SLV2_SUBADD (1Ch)
DS13607 - Rev 1
page 137/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com