Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3462R-E/ST Datasheet(PDF) 115 Page - Microchip Technology

Part # MCP3462R-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462R-E/ST Datasheet(HTML) 115 Page - Microchip Technology

Back Button MCP3462R-E/ST Datasheet HTML 110Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 111Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 112Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 113Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 114Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 115Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 116Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 117Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 118Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 115 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 115
MCP3461/2/4R
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3461/2/4R: Two/Four/Eight Differential Channel,
16-bit Delta-Sigma ADCs with Internal
Voltage Reference.
Tape and Reel:
T
= Tape and Reel
Blank = Standard packaging (tube or tray)
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package:
NC
= Ultra Small, No Lead Package (UQFN),
3 x 3 x 0.55 mm, 20-Lead
ST
= Plastic Thin Shrink Small Outline (TSSOP),
6.5 x 4.4 x 1 mm, 20-Lead
Examples:
a) MCP3461RT-E/NC: Single Channel ADC,
Tape and Reel,
Extended Temperature,
20-Lead UQFN.
b) MCP3462RT-E/NC: Dual Channel ADC,
Tape and Reel,
Extended Temperature,
20-Lead UQFN.
c) MCP3464RT-E/NC: Quad Channel ADC,
Tape and Reel,
Extended Temperature,
20-Lead UQFN.
d) MCP3461RT-E/ST: Single Channel ADC,
Tape and Reel,
Extended Temperature,
20-Lead TSSOP.
e) MCP3462R-E/ST:
Dual Channel ADC,
Standard Packaging,
Extended Temperature,
20-Lead TSSOP.
f) MCP3464R-E/ST:
Quad Channel ADC,
Standard Packaging,
Extended Temperature,
20-Lead TSSOP.
PART NO.
X
Temperature
Range
Device
/XX
Package
X(1)
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
2:
Device SPI Address ‘01’ is the default
address option. Contact Microchip Sales for
other
device
address
option
ordering
procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com