Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDB8164B4PK-1DITF-R Datasheet(PDF) 133 Page - Micron Technology

Part # EDB8164B4PK-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PK-1DITF-R Datasheet(HTML) 133 Page - Micron Technology

Back Button EDB8164B4PK-1DITF-R Datasheet HTML 129Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 130Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 131Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 132Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 133Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 134Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 135Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 136Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 137Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 152 page
background image
Table 91: AC Timing (Continued)
Notes 1–2 apply to all parameters and conditions. AC timing parameters must satisfy the tCK minimum conditions (in mul-
tiples of tCK) as well as the timing specifications when values for both are indicated.
Parameter
Symbol
Min/
Max
tCK
Min
Data Rate
Unit Notes
1066
933
800
667
533
400
333
Calibration RESET time
tZQRESET
MIN
3
50
50
50
50
50
50
50
ns
READ Parameters3
DQS output access time from
CK_t/CK_c
tDQSCK
MIN
–
2500
2500 2500 2500 2500 2500 2500
ps
MAX
–
5500
5500 5500 5500 5500 5500 5500
DQSCK delta short
tDQSCKDS
MAX
–
330
380
450
540
670
900
1080
ps
4
DQSCK delta medium
tDQSCKDM
MAX
–
680
780
900
1050 1350 1800 1900
ps
5
DQSCK delta long
tDQSCKDL
MAX
–
920
1050 1200 1400 1800 2400
–
ps
6
DQS-DQ skew
tDQSQ
MAX
–
200
220
240
280
340
400
500
ps
Data-hold skew factor
tQHS
MAX
–
230
260
280
340
400
480
600
ps
DQS output HIGH pulse width
tQSH
MIN
–
tCH(abs) - 0.05
tCK
(avg)
DQS output LOW pulse width
tQSL
MIN
–
tCL(abs) - 0.05
tCK
(avg)
Data half period
tQHP
MIN
–
MIN (tQSH, tQSL)
tCK
(avg)
DQ/DQS output hold time from
DQS
tQH
MIN
–
tQHP - tQHS
ps
READ preamble
tRPRE
MIN
–
0.9
0.9
0.9
0.9
0.9
0.9
0.9
tCK
(avg)
7
READ postamble
tRPST
MIN
–
tCL(abs) - 0.05
tCK
(avg)
8
DQS Low-Z from clock
tLZ(DQS)
MIN
–
tDQSCK (MIN) - 300
ps
DQ Low-Z from clock
tLZ(DQ)
MIN
–
tDQSCK(MIN) - (1.4 × tQHS(MAX))
ps
DQS High-Z from clock
tHZ(DQS)
MAX
–
tDQSCK (MAX) - 100
ps
DQ High-Z from clock
tHZ(DQ)
MAX
–
tDQSCK(MAX) + (1.4 × tDQSQ(MAX))
ps
WRITE Parameters3
DQ and DM input hold time (VREF
based)
tDH
MIN
–
210
235
270
350
430
480
600
ps
DQ and DM input setup time (VREF
based)
tDS
MIN
–
210
235
270
350
430
480
600
ps
DQ and DM input pulse width
tDIPW
MIN
–
0.35
0.35
0.35
0.35
0.35
0.35
0.35
tCK
(avg)
Write command to first DQS latch-
ing transition
tDQSS
MIN
–
0.75
0.75
0.75
0.75
0.75
0.75
0.75
tCK
(avg)
MAX
–
1.25
1.25
1.25
1.25
1.25
1.25
1.25
tCK
(avg)
DQS input high-level width
tDQSH
MIN
–
0.4
0.4
0.4
0.4
0.4
0.4
0.4
tCK
(avg)
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC Timing
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
133
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com