Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPL09060 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EPL09060
Description  9 COM/ 60 SEG v
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EPL09060 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EPL09060 Datasheet HTML 2Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 3Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 4Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 5Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 6Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 7Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 8Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 9Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
EPL09060
9 COM/60 SEG LCD Driver
6
Product Specification (V1.0) 12.28.2005
3 Applications
Organizer
Electronic Dictionary
Scientific calculator
Cellular phone
Graphic pager
Handy Terminals (PDA)
4 Pin Configuration (Package)
1
2
3
15
16
17
18 19 20
49 50 51
51
52
53
67
68
69
70
71
72
104 103102
DDRAM
Figure 1 Pin Configuration
NOTE
With the Elan logo at the right bottom corner (as shown in the figure) and
DDRAM (black color) at the right side, Pin 1 is at the upper left corner.
Pad Configuration
Size
Item
Pad No.
X
Y
Unit
Chip size
4040
2070
Pad size (Type A)
1, 17~21, 30~52, 69~104
85
90
Pad size (Type B)
2, 14~15, 22~29
90
90
Pad size (Type C)
4~13, 16, 53~68
90
85
Type A
105
Pad pitch
Type B
110
µm


Similar Part No. - EPL09060

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
EPL.00.250.DTN LEMO-EPL.00.250.DTN Datasheet
76Kb / 3P
00 - NIM-CAMAC
EPL.00.250.NLN LEMO-EPL.00.250.NLN Datasheet
76Kb / 3P
00 - NIM-CAMAC
EPL.00.250.NTD LEMO-EPL.00.250.NTD Datasheet
73Kb / 3P
00 - NIM-CAMAC
EPL.00.250.NTN LEMO-EPL.00.250.NTN Datasheet
74Kb / 3P
00 - NIM-CAMAC
EPL.00.250.NTZ LEMO-EPL.00.250.NTZ Datasheet
76Kb / 3P
00 - NIM-CAMAC
More results

Similar Description - EPL09060

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
40-CHANNEL SEG/COM LCD DRIVER
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
80 COM/SEG LCD DRIVER
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
65 COM / 132 SEG LCD Driver
logo
Sitronix Technology Co....
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
COM/SEG LCD Driver
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
COM/SEG LCD Driver
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com