Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L071XZ Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32L071XZ
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071XZ Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32L071XZ Datasheet HTML 140Page - STMicroelectronics STM32L071XZ Datasheet HTML 141Page - STMicroelectronics STM32L071XZ Datasheet HTML 142Page - STMicroelectronics STM32L071XZ Datasheet HTML 143Page - STMicroelectronics STM32L071XZ Datasheet HTML 144Page - STMicroelectronics STM32L071XZ Datasheet HTML 145Page - STMicroelectronics STM32L071XZ Datasheet HTML 146Page - STMicroelectronics STM32L071XZ Datasheet HTML 147Page - STMicroelectronics STM32L071XZ Datasheet HTML 148Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 147 / 148 page
background image
DS10690 Rev 7
147/148
STM32L071xx
Revision history
147
07-May-2018
5
Updated Arm logo and added Arm word mark notice in Section 1:
Introduction.
Removed Cortex logo.
Updated Table 5: Functionalities depending on the working mode
(from Run/active down to standby) to change I2C functionality to
disabled in Low-power Run and Low-power Sleep modes.
Section 4: Pin descriptions:
– Changed PC14-OSC_IN into PC14-OSC32_IN in Figure 11:
STM32L071xx UFQFPN32 pinout.
– Extended Figure 6 to UFBGA64.
– Added UFBGA64 in Table 15: STM32L071xxx pin definition (same
pinout as TFBGA64
– Swapped E5 and E6 signals for UFBGA64/TFBGA64.
– Changed USARTx_RTS, USARTx_RTS_DE into
USARTx_RTS/USARTx_DE, and LPUART1_RTS,
LPUART1_RTS_DE into LPUART1_RTS/LPUART1_DE in
Table 15: STM32L071xxx pin definition and in all alternate function
tables.
Updated power dissipation (PD) in Table 25: General operating
conditions to add UFBGA64 package.
Updated tAF maximum value for range 1 in Table 70: I2C analog filter
characteristics.
Added Section 7.4: UFBGA64 package information. Added
UFBGA64 in Table 89: Thermal characteristics and Figure 67:
Thermal resistance
Updated Figure 64: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra
thin fine pitch quad flat package outline and added note related to
exposed pad; updated Table 88: UFQFPN32 - 32-pin, 5x5 mm,
0.5 mm pitch ultra thin fine pitch quad flat package mechanical data.
Updated Figure 49: TFBGA64 – 64-ball, 5 x 5 mm, 0.5 mm pitch thin
profile fine pitch ball grid array package outline, Figure 50: TFBGA64
– 64-ball, 5 x 5 mm, 0.5 mm pitch, thin profile fine pitch ball ,grid
array recommended footprint and Figure 82: TFBGA64
recommended PCB design rules (0.5 mm pitch BGA).
31-Aug-2018
6
Updated Table 15: STM32L071xxx pin definition.
14-Nov-2019
7
Added UFQFPN48 package.
Removed R10K and R400K from Table 67: Comparator 1
characteristics.
Updated paragraph introducing all package marking schematics to
add the new sentence “The printed markings may differ depending
on the supply chain.”
Table 90. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com