Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011D4P7 Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32L011D4P7
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011D4P7 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32L011D4P7 Datasheet HTML 111Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 112Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 113Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 114Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 115Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 116Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 117Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 118Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 119Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 119 page
background image
Revision history
STM32L011x3/4
118/119
DocID027973 Rev 5
12-Sep-2017
5 (continued)
In Section 7: Package information:
– Added paragraph related to optional marking or
inset/upset marks in all device marking sections.
– Updated Table 67: LQFP32 - 32-pin, 7 x 7 mm, 32-pin
low-profile quad flat package mechanical data.
– Updated Figure 35: UFQFPN32 - 32-pin, 5x5 mm,
0.5 mm pitch ultra thin fine pitch quad flat package
outline and Table 68: UFQFPN32 - 32-pin, 5x5 mm,
0.5 mm pitch ultra thin fine pitch quad flat package
mechanical data.
– Updated Figure 44: UFQFPN20 - 20-lead, 3x3 mm,
0.5 mm pitch, ultra thin fine pitch quad flat package
outline and Table 72: UFQFPN20 - 20-lead, 3x3 mm,
0.5 mm pitch, ultra thin fine pitch quad flat package
mechanical data.
– Added notes related to D and E1 in Table 73:
TSSOP20 – 20-lead thin shrink small outline, 6.5 x
4.4 mm, 0.65 mm pitch, package mechanical data.
– Updated Figure 50: TSSOP14 – 14-lead thin shrink
small outline, 5.0 x 4.4 mm, 0.65 mm pitch, package
outline and Table 73: TSSOP20 – 20-lead thin shrink
small outline, 6.5 x 4.4 mm, 0.65 mm pitch, package
mechanical data
Section 8 renamed into Ordering information.
Table 77. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com