Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L151X6 Datasheet(PDF) 139 Page - STMicroelectronics

Part # STM8L151X6
Description  8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 135Page - STMicroelectronics STM8L151X6 Datasheet HTML 136Page - STMicroelectronics STM8L151X6 Datasheet HTML 137Page - STMicroelectronics STM8L151X6 Datasheet HTML 138Page - STMicroelectronics STM8L151X6 Datasheet HTML 139Page - STMicroelectronics STM8L151X6 Datasheet HTML 140Page - STMicroelectronics STM8L151X6 Datasheet HTML 141Page - STMicroelectronics STM8L151X6 Datasheet HTML 142Page - STMicroelectronics STM8L151X6 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 147 page
background image
DS6948 Rev 11
139/147
STM8L151x6/8 STM8L152x6/8
Package information
142
10.5
WLCSP32 package information
Figure 60. WLCSP32 - 32-ball, 1.913 x 3.329 mm, 0.4 mm pitch wafer level chip scale
package outline
1. Drawing is not to scale.
2. Preliminary drawing.
WLCSP32_ME_V1
Bump side
Side view
Detail A
Wafer back side
A1 ball
location
Bump
eee Z
A1
Detail A
rotated by 90°
aaa
D
Seating plane
A2
A
X Y
(4X)
Z
Z
bbb
b
E
e1
e
e
e2
G
F
ccc
ddd
Z
Z
X Y
A3
A1 ball
location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com