Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC582BX Datasheet(PDF) 106 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 106 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 102Page - STMicroelectronics SPC582BX Datasheet HTML 103Page - STMicroelectronics SPC582BX Datasheet HTML 104Page - STMicroelectronics SPC582BX Datasheet HTML 105Page - STMicroelectronics SPC582BX Datasheet HTML 106Page - STMicroelectronics SPC582BX Datasheet HTML 107Page - STMicroelectronics SPC582BX Datasheet HTML 108Page - STMicroelectronics SPC582BX Datasheet HTML 109Page - STMicroelectronics SPC582BX Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 115 page
background image
Revision history
SPC582Bx
106/115
DS11597 Rev 4
7
Revision history
Table 59. Document revision history
Date
Revision
Changes
07-April-2016
1
Initial version.
29-Jun-2017
2
The following are the changes in this version of the Datasheet.
– Removed QFN32 package from the document.
– Replaced RPNs SPC582B60E1, SPC582B60E3, and SPC582B60Q2 with
“SPC582B60x, SPC582B54x, and SPC582B50x”
Table 1: Device summary:
– Updated the table.
Section 3.1: Introduction:
– Removed text “The IPs and...for the details”.
– Removed the two notes.
Table 3: Parameter classifications:
– Updated the description of classification tag “T”.
Table 4: Absolute maximum ratings:
– For parameter “IINJ”, text “DC” removed from description.
– Added text “Exposure to absolute ... reliability”
– Added text “even momentarily”
– Updated values in conditions column.
– Added parameter TTRIN.
– For parameter “TSTG”, maximum value updated from “175” to “125”
– Added new parameter “TPAS”
– For parameter “IINJ”, description updated from “maximum...PAD” to
“maximum DC...pad”
Table 5: Operating Conditions:
– Footnote “1.260 V - 1.290 V range .. temperature profile” updated to Text “...
average supply value below or equal to 1.236 V ...”
– For parameter “IINJ1” description, text “DC” removed.
– For parameter “VDD_LV”, changed the classification from “D” to “P”
– Removed note “Core voltage as ....”
– Added parameter IINJ2.
– Removed parameter “VRAMP_LV”.
– Updated the table footnote “Positive and negative Dynamic current....”
Table 6: Device supply relation during power-up/power-down sequence:
–“VDD_HV_PMC” updated to “VDD_HV_OSC”.
– Parameter “VDD_LV” removed
Section 3.4: Electromagnetic emission characteristics:
– Updated this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com