Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC582B60E3 Datasheet(PDF) 105 Page - STMicroelectronics

Part # SPC582B60E3
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582B60E3 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button SPC582B60E3 Datasheet HTML 101Page - STMicroelectronics SPC582B60E3 Datasheet HTML 102Page - STMicroelectronics SPC582B60E3 Datasheet HTML 103Page - STMicroelectronics SPC582B60E3 Datasheet HTML 104Page - STMicroelectronics SPC582B60E3 Datasheet HTML 105Page - STMicroelectronics SPC582B60E3 Datasheet HTML 106Page - STMicroelectronics SPC582B60E3 Datasheet HTML 107Page - STMicroelectronics SPC582B60E3 Datasheet HTML 108Page - STMicroelectronics SPC582B60E3 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 115 page
background image
DS11597 Rev 4
105/115
SPC582Bx
Ordering information
105
Table 57. Code Flash options
SPC582B60 (1M)
SPC582B54
(768K)
SPC582B50
(512K)
Partition
Start address
End address
16
16
16
0
0x00FC0000
0x00FC3FFF
16
16
16
0
0x00FC4000
0x00FC7FFF
16
16
16
0
0x00FC8000
0x00FCBFFF
16
16
16
0
0x00FCC000
0x00FCFFFF
32
32
32
0
0x00FD0000
0x00FD7FFF
32
32
32
0
0x00FD8000
0x00FDFFFF
64
64
64
0
0x00FE0000
0x00FEFFFF
64
64
64
0
0x00FF0000
0x00FFFFFF
128
128
128
0
0x01000000
0x0101FFFF
128
128
128
0
0x01020000
0x0103FFFF
128
128
NA
0
0x01040000
0x0105FFFF
128
128
NA
0
0x01060000
0x0107FFFF
128
NA
NA
0
0x01080000
0x0109FFFF
128
NA
NA
0
0x010A0000
0x010BFFFF
Table 58. RAM options
SPC582B60
SPC582B54
SPC582B50
Type
Start address
End address
96(1)
80(1)
64(1)
888
PRAMC_2
(STBY)
0x400A8000
0x400A9FFF
24
24
24
PRAMC_2
(STBY)
0x400AA000
0x400AFFFF
32
32
32
PRAMC_2
(STBY)
0x400B0000
0x400B7FFF
16
16
NA
PRAMC_2
0x400B8000
0x400BBFFF
16
NA
NA
PRAMC_2
0x400BC000
0x400BFFFF
1. Total KRAM (SRAM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com