Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584BX Datasheet(PDF) 123 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 123 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 119Page - STMicroelectronics SPC584BX Datasheet HTML 120Page - STMicroelectronics SPC584BX Datasheet HTML 121Page - STMicroelectronics SPC584BX Datasheet HTML 122Page - STMicroelectronics SPC584BX Datasheet HTML 123Page - STMicroelectronics SPC584BX Datasheet HTML 124Page - STMicroelectronics SPC584BX Datasheet HTML 125Page - STMicroelectronics SPC584BX Datasheet HTML 126Page - STMicroelectronics SPC584BX Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 142 page
background image
DS11701 Rev 4
123/142
SPC584Bx
Package information
127
5.5
Package thermal characteristics
The following tables describe the thermal characteristics of the device. The parameters in
this chapter have been evaluated by considering the device consumption configuration
reported in the Section 4.7: Device consumption.
5.5.1
eTQFP64
5.5.2
eTQFP100
Table 69. Thermal characteristics for 64 exposed pad eTQFP package
Symbol
C
Parameter(1)
Conditions
Value
Unit
RJA
CC
D Junction-to-Ambient, Natural Convection(2) Four layer board (2s2p)
30.8
°C/W
RJMA
CC
D
Junction-to-Moving-Air, Ambient(2)
at 200 ft./min., four layer
board (2s2p)
24.4
°C/W
RJB
CC
D
Junction-to-board(3)
—12.1
°C/W
RJCtop
CC
D
Junction-to-case top(4)
—15.2
°C/W
RJCbottom CC D
Junction-to-case bottom(5)
—4.5
°C/W
JT
CC
D
Junction-to-package top(6)
Natural convection
3.7
°C/W
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
5. Thermal resistance between the die and the exposed pad ground on the bottom of the package based on simulation
without any interface resistance.
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
Table 70. Thermal characteristics for 100 exposed pad eTQFP package
Symbol
C
Parameter(1)
Conditions
Value
Unit
RJA
CC
D Junction-to-Ambient, Natural Convection(2) Four layer board (2s2p)
28.9
°C/W
RJMA
CC
D
Junction-to-Moving-Air, Ambient(2)
At 200 ft./min., four layer
board (2s2p)
22.9
°C/W
RJB
CC
D
Junction-to-board(3)
—
14.1
°C/W
RJCtop
CC
D
Junction-to-case top(4)
—14
°C/W
RJCbottom CC D
Junction-to-case bottom(5)
—4.4
°C/W
JT
CC
D
Junction-to-package top(6)
Natural convection
3.7
°C/W
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com