Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC582B50Q3 Datasheet(PDF) 107 Page - STMicroelectronics

Part # SPC582B50Q3
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582B50Q3 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button SPC582B50Q3 Datasheet HTML 103Page - STMicroelectronics SPC582B50Q3 Datasheet HTML 104Page - STMicroelectronics SPC582B50Q3 Datasheet HTML 105Page - STMicroelectronics SPC582B50Q3 Datasheet HTML 106Page - STMicroelectronics SPC582B50Q3 Datasheet HTML 107Page - STMicroelectronics SPC582B50Q3 Datasheet HTML 108Page - STMicroelectronics SPC582B50Q3 Datasheet HTML 109Page - STMicroelectronics SPC582B50Q3 Datasheet HTML 110Page - STMicroelectronics SPC582B50Q3 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 115 page
background image
DS11597 Rev 4
107/115
SPC582Bx
Revision history
114
29-Jun-2017
2 (cont’)
Table 8: Device consumption:
– Updated the table and its values.
Section 3.8.2: I/O output DC characteristics:
– “WEAK” to “WEAK/SLOW”
– “STRONG” to “STRONG/FAST”
– “VERY STRONG” to “VERY STRONG / VERY FAST”
– Added note “10%/90% is the....”
Table 14: I/O input electrical characteristics:
– Parameter “ILKG” (Medium Pads (P), TJ=150°C/360 mA) removed.
Table 11: I/O pull-up/pull-down electrical characteristics:
– Added note “When the device enters into standby mode... an ADC function.”
Table 12: WEAK/SLOW I/O output characteristics:
– Added “10%-90% in description of parameter “tTR_W”.
– For parameter “Fmax_W”, updated condition “25 pF load” to “CL=25pF”
– For parameter “tTR_S”, changed min value (25 pF load) from “4” to “3”
– Changed min value (50 pF load) from “6” to “5”
– For parameter “|tSKEW_W|”, changed max value from “30” to “25”.
Table 13: MEDIUM I/O output characteristics:
– Added “10%-90% in description of parameter “tTR_M”.
– For parameter “|tSKEW_W|”, changed max value from “30” to “25”.
Table 14: STRONG/FAST I/O output characteristics:
– Added “10%-90% in description of parameter “tTR_S”.
– Parameter “IDCMAX_S” updated:
– Condition added “VDD=5V+10%
– Condition added “VDD=3.3V+10%, Max value updated to 5.5mA
– For parameter “|tSKEW_W|”, changed max value from “30” to “25”.
Table 16: I/O consumption:
– Updated all the max values of parameters IDYN_W and IDYN_M
Section 3.8.3: I/O pad current specifications:
– Replaced all occurences of “50 pF load” with “CL=50pF”.
– Removed note “The external ballast....”
Table 19: PLL0 electrical characteristics:
– For parameter “IPLL0”, classification changed from “C” to “T”.
– Footnote “Jitter values...measurement” added for parameters:
–
|ΔPLL0PHI0SPJ|
–
|ΔPLL0PHI1SPJ|
–
ΔPLL0LTJ
Table 20: PLL1 electrical characteristics:
– For parameter “IPLL1”, classification changed from “C” to “T”.
– Footnote “Jitter values...measurement” added for parameter “
|ΔPLL1PHI0SPJ|”
– Removed figure “Test circuit”
Table 59. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com