Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58NH84E5 Datasheet(PDF) 105 Page - STMicroelectronics

Part # SPC58NH84E5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84E5 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button SPC58NH84E5 Datasheet HTML 101Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 102Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 103Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 104Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 105Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 106Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 107Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 108Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 147 page
background image
DS12304 Rev 5
105/147
SPC58EHx, SPC58NHx
Electrical characteristics
109
4.16.5
CAN timing
The following table describes the CAN timing.
4.16.6
UART timing
UART channel frequency support is shown in the following table.
uCCLogic_0
CC D Threshold for detecting logic low
30
65
%
dCCRxD01
CC D
Sum of delay from actual input to the D input of the
first FF, rising edge
—10
ns
dCCRxD10
CC D
Sum of delay from actual input to the D input of the
first FF, falling edge
—10
ns
dCCRxAsymAccept15
CC D
Acceptance of asymmetry at receiving CC with
15 pF load
–31.5
44
ns
dCCRxAsymAccept25
CC D
Acceptance of asymmetry at receiving CC with
25 pF load
–30.5
43
ns
Table 56. RxD input characteristics (continued)
Symbol
C
Characteristic
Value
Unit
Min
Max
Table 57. CAN timing
Symbol
C
Parameter
Condition
Value
Unit
Min
Typ
Max
tP(RX:TX)
CC
D
CAN
controller
propagation
delay time
standard
pads
Medium type pads 25pF load
—
—
70
ns
CC
D
Medium type pads 50pF load
—
—
80
CC
D
STRONG, VERY STRONG type pads
25pF load
——
60
CC
D
STRONG, VERY STRONG type pads
50pF load
——
65
tPLP(RX:TX)
CC
D
CAN
controller
propagation
delay time
low power
pads
Medium type pads 25pF load
—
—
90
ns
CC
D
Medium type pads 50pF load
—
—
100
CC
D
STRONG, VERY STRONG type pads
25pF load
——
80
CC
D
STRONG, VERY STRONG type pads
50pF load
——
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com