Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58NH90C5 Datasheet(PDF) 128 Page - STMicroelectronics

Part # SPC58NH90C5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C5 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button SPC58NH90C5 Datasheet HTML 124Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 125Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 126Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 127Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 128Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 129Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 130Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 131Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 147 page
background image
Package information
SPC58EHx, SPC58NHx
128/147
DS12304 Rev 5
5.5.3
FPBGA302
5.5.4
FPBGA386
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
Table 72. Thermal characteristics for 302-pin FPBGA
Symbol
C
Parameter(1)
Conditions
Value(2)
Unit
ThetaJ-A
CC
D Junction-to-Ambient, Natural Convection(3)
2s2p board
21.2
°C/W
ThetaJ-B
CC
D
Junction-to-board(4)
Ring cold plate
2s2p board
9.6
°C/W
ThetaJ-C
CC
D
Junction-to-case top(5)
Top cold plate
1s board
6.1
°C/W
ΨJ-B
CC
D
Junction-to-board(6)
Operating conditions
9.4
°C/W
ΨJ-C
CC
D
Junction-to-case top
Operating conditions
1
°C/W
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. These values are preliminary, therefore they are subject to change.
3. Per JEDEC JESD51-6 with the board (JESD51-9) horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
6. Thermal characterization parameter
Table 73. Thermal characteristics for 386-pin FPBGA
Symbol
C
Parameter(1)
Conditions
Value
Unit
ThetaJ-A
CC
D Junction-to-Ambient, Natural Convection(2)
2s2p board
19.9
°C/W
ThetaJ-B
CC
D
Junction-to-board(3)
Ring cold plate
2s2p board
9.2
°C/W
ThetaJ-C
CC
D
Junction-to-case top(4)
Top cold plate
1s board
5.7
°C/W
ΨJ-B
CC
D
Junction-to-board(5)
Operating conditions
9
°C/W
ΨJ-C
CC
D
Junction-to-case top
Operating conditions
1
°C/W
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-9) horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
5. Thermal characterization parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com