Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 108Page - STMicroelectronics ST25R3918 Datasheet HTML 109Page - STMicroelectronics ST25R3918 Datasheet HTML 110Page - STMicroelectronics ST25R3918 Datasheet HTML 111Page - STMicroelectronics ST25R3918 Datasheet HTML 112Page - STMicroelectronics ST25R3918 Datasheet HTML 113Page - STMicroelectronics ST25R3918 Datasheet HTML 114Page - STMicroelectronics ST25R3918 Datasheet HTML 115Page - STMicroelectronics ST25R3918 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 141 page
background image
Application information
ST25R3918
112/141
DS13490 Rev 2
4.5.57
Regulator display register
Register space: B
Address: 2Ch
Type: R
Table 87. Regulator display register
Bit
Name
Default
Function
Comments
7
reg_3
-
Voltage regulator setting after
Adjust regulators command.
Refer to Table 88 for definition.
-
6
reg_2
-
5
reg_1
-
4
reg_0
-
3RFU
-
-
-
2RFU
-
-
-
1RFU
-
-
-
1RFU
-
-
-
Table 88. Regulated voltages
reg_3
reg_2
reg_1
reg_0
Typical regulated voltage (V)
rege_3
rege_2
rege_1
rege_0
5 V mode
3.3 V mode
1
111
5.1
3.4
1
110
5.0
3.3
1
101
4.9
3.2
1
100
4.8
3.1
1
011
4.7
3.0
1
010
4.6
2.9
1
001
4.5
2.8
1
000
4.4
2.7
0
111
4.3
2.6
0
110
4.2
2.5
0
101
4.1
2.4
0
100
4.0
-
0
011
3.9
-
0
010
3.8
-
0
001
3.7
-
0
000
3.6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com