Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 114Page - STMicroelectronics ST25R3918 Datasheet HTML 115Page - STMicroelectronics ST25R3918 Datasheet HTML 116Page - STMicroelectronics ST25R3918 Datasheet HTML 117Page - STMicroelectronics ST25R3918 Datasheet HTML 118Page - STMicroelectronics ST25R3918 Datasheet HTML 119Page - STMicroelectronics ST25R3918 Datasheet HTML 120Page - STMicroelectronics ST25R3918 Datasheet HTML 121Page - STMicroelectronics ST25R3918 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 141 page
background image
Application information
ST25R3918
118/141
DS13490 Rev 2
4.5.65
Wake-up timer control register
Register space: A
Address: 32h
Type: RW
Table 97. Wake-up timer control register
Bit
Name
Default
Function
Comments
7wur
0
0: 100 ms
1: 10 ms
Wake-up timer range
6wut2
0
Refer to Table 98
Wake-up timer timeout value
5wut1
0
4wut0
0
3
wto
0
1: IRQ at every timeout
-
2wam
0
1: At timeout perform amplitude
measurement
Generates I_wam interrupt if amplitude
difference is larger than ∆am.
1wph
0
1: At timeout perform phase
measurement
Generates I_wph interrupt if phase difference
islarger than ∆pm.
0wcap
0
1: At timeout perform
capacitance measurement
Generates I_wcap interrupt if capacitance
difference is larger than ∆cm.
Table 98. Typical wake-up time
wut2
wut1
wut0
100 ms range (wur = 0)
10 ms range (wur = 1)
0
0
0
100 ms
10 ms
0
0
1
200 ms
20 ms
0
1
0
300 ms
30 ms
0
1
1
400 ms
40 ms
1
0
0
500 ms
50 ms
1
0
1
600 ms
60 ms
1
1
0
700 ms
70 ms
1
1
1
800 ms
80 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com