Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L031X4 Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32L031X4
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031X4 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32L031X4 Datasheet HTML 118Page - STMicroelectronics STM32L031X4 Datasheet HTML 119Page - STMicroelectronics STM32L031X4 Datasheet HTML 120Page - STMicroelectronics STM32L031X4 Datasheet HTML 121Page - STMicroelectronics STM32L031X4 Datasheet HTML 122Page - STMicroelectronics STM32L031X4 Datasheet HTML 123Page - STMicroelectronics STM32L031X4 Datasheet HTML 124Page - STMicroelectronics STM32L031X4 Datasheet HTML 125Page - STMicroelectronics STM32L031X4 Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 125 / 126 page
background image
DS10668 Rev 6
125/126
STM32L031x4/6
Revision history
125
01-Mar-2018
6
Added Arm logo in Section 1: Introduction and removed USB and
Cortex logo from Section 2: Description.
Changed RTS into RTS/DE in Figure 1: STM32L031x4/6 block
diagram. Changed USART2_RTS and USART2_RTS_DE into
USART2_RTS/USART2_DE, and LPUART1_RTS and
LPUART1_RTS_DE into LPUART1_RTS/LPUART1_DE in
Table 15: Pin definitions and Table 16: Alternate functions.
Updated I2C in Table 5: Functionalities depending on the working
mode (from Run/active down to standby).
Updated Figure 36: Example of LQFP48 marking (package top
view). Added Figure 39: Example of UFQFPN48 marking
(package top view). Updated Figure 42: Example of LQFP32
marking (package top view), Figure 45: Example of UFQFPN32
marking (package top view) and Figure 48: Example of
UFQFPN28 marking (package top view).
Updated Table 72: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch
ultra thin fine pitch quad flat package mechanical data.
Table 79. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com