| Electronic Components Datasheet Search |
|
EVAL-ADE7978EBZ Datasheet(PDF) 116 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADE7978EBZ Datasheet(HTML) 116 Page - Analog Devices |
|
116 / 125 page ![]() ADE7978/ADE7933/ADE7932/ADE7923 Data Sheet Rev. D | Page 116 of 125 Table 49. PHSTATUS Register (Address 0xE600) Bits Bit Name Default Value Description [2:0] Reserved 000 Reserved. These bits are always set to 0. 3 OIPHASE[0] 0 When this bit is set to 1, the Phase A current generates Bit 17 (OI) in the STATUS1 register. 4 OIPHASE[1] 0 When this bit is set to 1, the Phase B current generates Bit 17 (OI) in the STATUS1 register. 5 OIPHASE[2] 0 When this bit is set to 1, the Phase C current generates Bit 17 (OI) in the STATUS1 register. [8:6] Reserved 000 Reserved. These bits are always set to 0. 9 OVPHASE[0] 0 When this bit is set to 1, the Phase A voltage generates Bit 18 (OV) in the STATUS1 register. 10 OVPHASE[1] 0 When this bit is set to 1, the Phase B voltage generates Bit 18 (OV) in the STATUS1 register. 11 OVPHASE[2] 0 When this bit is set to 1, the Phase C voltage generates Bit 18 (OV) in the STATUS1 register. 12 VSPHASE[0] 0 When this bit is set to 1, the Phase A voltage generates Bit 16 (sag) in the STATUS1 register. 13 VSPHASE[1] 0 When this bit is set to 1, the Phase B voltage generates Bit 16 (sag) in the STATUS1 register. 14 VSPHASE[2] 0 When this bit is set to 1, the Phase C voltage generates Bit 16 (sag) in the STATUS1 register. 15 Reserved 0 Reserved. This bit is always set to 0. Table 50. PHNOLOAD Register (Address 0xE608) Bits Bit Name Default Value Description 0 NLPHASE[0] 0 0: Phase A is out of the no load condition based on the total active and reactive powers. 1: Phase A is in the no load condition based on the total active and reactive powers. This bit is set together with Bit 0 (NLOAD) in the STATUS1 register. 1 NLPHASE[1] 0 0: Phase B is out of the no load condition based on the total active and reactive powers. 1: Phase B is in the no load condition based on the total active and reactive powers. This bit is set together with Bit 0 (NLOAD) in the STATUS1 register. 2 NLPHASE[2] 0 0: Phase C is out of the no load condition based on the total active and reactive powers. 1: Phase C is in the no load condition based on the total active and reactive powers. This bit is set together with Bit 0 (NLOAD) in the STATUS1 register. 3 FNLPHASE[0] 0 0: Phase A is out of the no load condition based on the fundamental active and reactive powers. 1: Phase A is in the no load condition based on the fundamental active and reactive powers. This bit is set together with Bit 1 (FNLOAD) in the STATUS1 register. 4 FNLPHASE[1] 0 0: Phase B is out of the no load condition based on the fundamental active and reactive powers. 1: Phase B is in the no load condition based on the fundamental active and reactive powers. This bit is set together with Bit 1 (FNLOAD) in the STATUS1 register. 5 FNLPHASE[2] 0 0: Phase C is out of the no load condition based on the fundamental active and reactive powers. 1: Phase C is in the no load condition based on the fundamental active and reactive powers. This bit is set together with Bit 1 (FNLOAD) in the STATUS1 register. 6 VANLPHASE[0] 0 0: Phase A is out of the no load condition based on the apparent power. 1: Phase A is in the no load condition based on the apparent power. This bit is set together with Bit 2 (VANLOAD) in the STATUS1 register. 7 VANLPHASE[1] 0 0: Phase B is out of the no load condition based on the apparent power. 1: Phase B is in the no load condition based on the apparent power. This bit is set together with Bit 2 (VANLOAD) in the STATUS1 register. 8 VANLPHASE[2] 0 0: Phase C is out of the no load condition based on the apparent power. 1: Phase C is in the no load condition based on the apparent power. This bit is set together with Bit 2 (VANLOAD) in the STATUS1 register. [15:9] Reserved 000 0000 Reserved. These bits are always set to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |