Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5604BAVLL4R Datasheet(PDF) 107 Page - NXP Semiconductors

Part # PPC5604BAVLL4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5604BAVLL4R Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button PPC5604BAVLL4R Datasheet HTML 101Page - NXP Semiconductors PPC5604BAVLL4R Datasheet HTML 102Page - NXP Semiconductors PPC5604BAVLL4R Datasheet HTML 103Page - NXP Semiconductors PPC5604BAVLL4R Datasheet HTML 104Page - NXP Semiconductors PPC5604BAVLL4R Datasheet HTML 105Page - NXP Semiconductors PPC5604BAVLL4R Datasheet HTML 106Page - NXP Semiconductors PPC5604BAVLL4R Datasheet HTML 107Page - NXP Semiconductors PPC5604BAVLL4R Datasheet HTML 108Page - NXP Semiconductors PPC5604BAVLL4R Datasheet HTML 109Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
Document revision history
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
107
13
19 Jan 2015
In Table 1 (MPC5604B/C device comparison):
• changed the MPC5604BxLH entry for CAN (FlexCAN) from 37 to 26.
• updated tablenote 7.
In Table 13 (Recommended operating conditions (5.0 V)), updated tablenote 5 to: “1 µF
(electrolithic/tantalum) + 47 nF (ceramic) capacitance needs to be provided between
VDD_ADC/VSS_ADC pair. Another ceramic cap of 10nF with low inductance package can be
added”.
In Section 2.17.2, “Low voltage detector electrical characteristics, added a note on
LVHVD5 detector.
In Section 4, “Ordering information, added a note: “Not all options are available on all
devices”.
14
30 oct 2017
In Table 1 (MPC5604B/C device comparison) for MPC56 04BxLH changed the CAN from
2 to 3.
In Table 12 (Recommended operating conditions (3.3 V)) added Min value for TVDD
In Table 13 (Recommended operating conditions (5.0 V)) added Min value for TVDD
15
8 August 2021 In 4, Ordering information, updated Fab and Masking information.
Table 49. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com