Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/MLQTP Datasheet(PDF) 116 Page - Cirrus Logic

Part # PIC16F616-E/MLQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/MLQTP Datasheet(HTML) 116 Page - Cirrus Logic

Back Button PIC16F616-E/MLQTP Datasheet HTML 112Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 113Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 114Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 115Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 116Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 117Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 118Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 119Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 120Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 114
Preliminary
© 2006 Microchip Technology Inc.
11.10 In-Circuit Serial Programming™
The PIC16F616/16HV616 microcontrollers can be
serially programmed while in the end application circuit.
This is simply done with five connections for:
•clock
•data
• power
• ground
• programming voltage
This allows customers to manufacture boards with
unprogrammed devices and then program the micro-
controller just before shipping the product. This also
allows the most recent firmware or a custom firmware
to be programmed.
The device is placed into a Program/Verify mode by
holding the RA0 and RA1 pins low, while raising the
MCLR (VPP) pin from VIL to VIHH. See the “PIC12F6XX/
16F6XX
Memory
Programming
Specification”
(DS41204) for more information. RA0 becomes the
programming data and RA1 becomes the programming
clock. Both RA0 and RA1 are Schmitt Trigger inputs in
Program/Verify mode.
A typical In-Circuit Serial Programming connection is
shown in Figure 11-10.
FIGURE 11-10:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
11.11 In-Circuit Debugger
Since in-circuit debugging requires access to three
pins, MPLAB® ICD 2 development with an 14-pin
device is not practical. A special 20-pin PIC16F616/
16HV616 ICD device is used with MPLAB ICD 2 to pro-
vide separate clock, data and MCLR pins and frees all
normally available pins to the user.
A special debugging adapter allows the ICD device to
be used in place of a PIC16F616/16HV616 device. The
debugging adapter is the only source of the ICD device.
When the ICD pin on the PIC16F616/16HV616 ICD
device is held low, the In-Circuit Debugger functionality
is enabled. This function allows simple debugging
functions when used with MPLAB ICD 2. When the
microcontroller has this feature enabled, some of the
resources are not available for general use. Table 11-9
shows
which
features
are
consumed
by
the
background debugger.
TABLE 11-9:
DEBUGGER RESOURCES
For more information, see “MPLAB® ICD 2 In-Circuit
Debugger User’s Guide” (DS51331), available on
Microchip’s web site (www.microchip.com).
FIGURE 11-11:
20-PIN ICD PINOUT
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC16F616/16HV616
VDD
VSS
MCLR/VPP/RA3
RA1
RA0
+5V
0V
VPP
CLK
Data I/O
*
*
*
*
* Isolation devices (as required)
Resource
Description
I/O pins
ICDCLK, ICDDATA
Stack
1 level
Program Memory
Address 0h must be NOP
700h-7FFh
20-Pin PDIP
In-Circuit Debug Device
SHUNTEN
ICDMCLR/VPP
VDD
RA5
RA4
RA3
ICDCLK
ICDDATA
Vss
RA0
ICD
NC
RA1
RA2
RC5
RC4
RC3
RC0
RC1
RC2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com