Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DO16 Datasheet(PDF) 125 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 125 Page - Microchip Technology

Back Button DO16 Datasheet HTML 121Page - Microchip Technology DO16 Datasheet HTML 122Page - Microchip Technology DO16 Datasheet HTML 123Page - Microchip Technology DO16 Datasheet HTML 124Page - Microchip Technology DO16 Datasheet HTML 125Page - Microchip Technology DO16 Datasheet HTML 126Page - Microchip Technology DO16 Datasheet HTML 127Page - Microchip Technology DO16 Datasheet HTML 128Page - Microchip Technology DO16 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 125
PIC24FJ256GA705 FAMILY
11.0 I/O PORTS
All of the device pins (except VDD, VSS, MCLR and
OSCI/CLKI) are shared between the peripherals and the
Parallel I/O (PIO) ports. All I/O input ports feature
Schmitt Trigger (ST) inputs for improved noise immunity.
11.1
Parallel I/O (PIO) Ports
A Parallel I/O port that shares a pin with a peripheral is,
in general, subservient to the peripheral. The periph-
eral’s output buffer data and control signals are
provided to a pair of multiplexers. The multiplexers
select whether the peripheral or the associated port
has ownership of the output data and control signals of
the I/O pin. The logic also prevents “loop through”, in
which a port’s digital output can drive the input of a
peripheral that shares the same pin. Figure 11-1 shows
how ports are shared with other peripherals and the
associated I/O pin to which they are connected.
When a peripheral is enabled and the peripheral is
actively driving an associated pin, the use of the pin as a
general purpose output pin is disabled. The I/O pin may
be read, but the output driver for the parallel port bit will be
disabled. If a peripheral is enabled, but the peripheral is
not actively driving a pin, that pin may be driven by a port.
All port pins have three registers directly associated
with their operation as digital I/Os and one register
associated with their operation as analog inputs. The
Data Direction register (TRISx) determines whether the
pin is an input or an output. If the data direction bit is a
‘1’, then the pin is an input. All port pins are defined as
inputs after a Reset. Reads from the Output Latch
register (LATx), read the latch; writes to the latch, write
the latch. Reads from the PORTx register, read the port
pins; writes to the port pins, write the latch.
Any bit and its associated data and control registers that
are not valid for a particular device will be disabled. That
means the corresponding LATx and TRISx registers,
and the port pin, will read as zeros. Table 11-3 through
Table 11-5 show ANSELx bits and ports availability for
device variants. When a pin is shared with another
peripheral or function that is defined as an input only, it
is regarded as a dedicated port because there is no
other competing source of inputs.
FIGURE 11-1:
BLOCK DIAGRAM OF A TYPICAL SHARED PORT STRUCTURE
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to
the “dsPIC33/PIC24 Family Reference
Manual”, “I/O Ports with Peripheral
Pin Select (PPS)” (DS39711), which is
available from the Microchip website
(www.microchip.com). The information in
this data sheet supersedes the information
in the FRM.
Q
D
CK
WR LATx +
TRIS Latch
I/O Pin
WR PORTx
Data Bus
Q
D
CK
Data Latch
Read PORTx
Read TRISx
1
0
1
0
WR TRISx
Peripheral Output Data
Output Enable
Peripheral Input Data
I/O
Peripheral Module
Peripheral Output Enable
PIO Module
Output Multiplexers
Output Data
Input Data
Peripheral Module Enable
Read LATx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com