Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G0B1RC Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32G0B1RC
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1RC Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32G0B1RC Datasheet HTML 109Page - STMicroelectronics STM32G0B1RC Datasheet HTML 110Page - STMicroelectronics STM32G0B1RC Datasheet HTML 111Page - STMicroelectronics STM32G0B1RC Datasheet HTML 112Page - STMicroelectronics STM32G0B1RC Datasheet HTML 113Page - STMicroelectronics STM32G0B1RC Datasheet HTML 114Page - STMicroelectronics STM32G0B1RC Datasheet HTML 115Page - STMicroelectronics STM32G0B1RC Datasheet HTML 116Page - STMicroelectronics STM32G0B1RC Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 159 page
background image
DS13560 Rev 2
113/159
STM32G0B1xB/xC/xE
Electrical characteristics
124
5.3.21
Temperature sensor characteristics
tSTART
Comparator startup
time to reach
propagation delay
specification
High-speed mode
-
-
5
µs
Medium-speed mode
-
-
15
tD
Propagation delay
200 mV step;
100 mV
overdrive
High-speed mode
-
30
50
ns
Medium-speed mode
-
0.3
0.6
µs
>200 mV step;
100 mV
overdrive
High-speed mode
-
-
70
ns
Medium-speed mode
-
-
1.2
µs
Voffset
Comparator offset
error
Full common mode range
-
±5
±20
mV
Vhys
Comparator
hysteresis
No hysteresis
-
0
-
mV
Low hysteresis
-
10
-
Medium hysteresis
-
20
-
High hysteresis
-
30
-
IDDA(COMP)
Comparator
consumption from
VDDA
Medium-speed
mode;
No deglitcher
Static
-
5
7.5
µA
With 50 kHz and ±100 mV
overdrive square signal
-6
-
Medium-speed
mode;
With deglitcher
Static
-
7
10
With 50 kHz and ±100 mV
overdrive square signal
-8
-
High-speed
mode
Static
-
250
400
With 50 kHz and ±100 mV
overdrive square signal
-250
-
1. Guaranteed by design.
2. Refer to Table 27: Embedded internal voltage reference.
Table 67. COMP characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 68. TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
VTS linearity with temperature
-
±1
±2
°C
Avg_Slope(2)
Average slope
2.3
2.5
2.7
mV/°C
V30
Voltage at 30°C (±5 °C)(3)
0.742
0.76
0.785
V
tSTART(TS_BUF)(1) Sensor Buffer Start-up time in continuous mode(4)
-8
15
µs
tSTART(1)
Start-up time when entering in continuous mode(4)
-
70
120
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com