Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G0B1CEU6 Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32G0B1CEU6
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1CEU6 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32G0B1CEU6 Datasheet HTML 120Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 121Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 122Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 123Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 124Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 125Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 126Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 127Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 159 page
background image
Electrical characteristics
STM32G0B1xB/xC/xE
124/159
DS13560 Rev 2
CAN (controller area network) interface
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (FDCANx_TX and FDCANx_RX).
5.3.25
UCPD characteristics
UCPD1 and UCPD2 controllers comply with USB Type-C Rev.1.2 and USB Power Delivery
Rev. 3.0 specifications.
RDAT_LKG
Data line leakage
resistance
-300
-
-
kΩ
VDAT_LKG
Data line leakage voltage
-
0.0
-
3.6
V
RDCP_DAT
Dedicated charging port
resistance across D+/D-
--
-
200
Ω
VLGC_HI
Logic high
-
2.0
-
3.6
V
VLGC_LOW
Logic low
-
-
-
0.8
V
VLGC
Logic threshold
-
0.8
-
2.0
V
VDAT_REF
Data detect voltage
-
0.25
-
0.4
V
VDP_SRC
D+ source voltage
-
0.5
-
0.7
V
VDM_SRC
D- source voltage
-
0.5
-
0.7
V
IDP_SINK
D+ sink current
-
25
-
175
μA
IDM_SINK
D- sink current
-
25
-
175
μA
1. Guaranteed by design.
Table 80. USB BCD DC electrical characteristics(1) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Table 81. UCPD operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
UCPD operating supply
voltage
Sink mode only
3.0
3.3
3.6
V
Sink and source mode
3.135
3.3
3.465
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com