Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F87-I/ML Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16F87-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87-I/ML Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16F87-I/ML Datasheet HTML 98Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 99Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 100Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 101Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 102Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 103Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 104Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 105Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 214 page
background image
PIC16F87/88
DS30487B-page 100
Preliminary
 2003 Microchip Technology Inc.
TABLE 11-3:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
BAUD
RATE
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
—
——
—
—
—
—
——
1.2
1.221
+1.75
255
1.202
+0.17
207
1.202
+0.17
129
2.4
2.404
+0.17
129
2.404
+0.17
103
2.404
+0.17
64
9.6
9.766
+1.73
31
9.615
+0.16
25
9.766
+1.73
15
19.2
19.531
+ 1.72
15
19.231
+0.16
12
19.531
+1.72
7
28.8
31.250
+8.51
9
27.778
-3.55
8
31.250
+8.51
4
33.6
34.722
+3.34
8
35.714
+6.29
6
31.250
-6.99
4
57.6
62.500
+8.51
4
62.500
+8.51
3
52.083
-9.58
2
HIGH
1.221
—
255
0.977
—
255
0.610
—
255
LOW
312.500
—
0
250.000
—
0
156.250
—
0
BAUD
RATE
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
0.300
0
207
0.3
0
191
1.2
1.202
+0.17
51
1.2
0
47
2.4
2.404
+0.17
25
2.4
0
23
9.6
8.929
+6.99
6
9.6
0
5
19.2
20.833
+8.51
2
19.2
0
2
28.8
31.250
+8.51
1
28.8
0
1
33.6
—
—
—
—
—
—
57.6
62.500
+8.51
0
57.6
0
0
HIGH
0.244
—
255
0.225
—
255
LOW
62.500
—
0
57.6
—
0
TABLE 11-4:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
BAUD
RATE
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
—
——
—
—
——
—
—
1.2
—
——
—
—
——
—
—
2.4
—
—
—
—
—
—
2.441
+1.71
255
9.6
9.615
+0.16
129
9.615
+0.16
103
9.615
+0.16
64
19.2
19.231
+0.16
64
19.231
+0.16
51
19.531
+1.72
31
28.8
29.070
+0.94
42
29.412
+2.13
33
28.409
-1.36
21
33.6
33.784
+0.55
36
33.333
-0.79
29
32.895
-2.10
18
57.6
59.524
+3.34
20
58.824
+2.13
16
56.818
-1.36
10
HIGH
4.883
—
255
3.906
—
255
2.441
—
255
LOW
1250.000
—
0
1000.000
—
0
625.000
—
0
BAUD
RATE
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
—
———
—
—
1.2
1.202
+0.17
207
1.2
0
191
2.4
2.404
+0.17
103
2.4
0
95
9.6
9.615
+0.16
25
9.6
0
23
19.2
19.231
+0.16
12
19.2
0
11
28.8
27.798
-3.55
8
28.8
0
7
33.6
35.714
+6.29
6
32.9
-2.04
6
57.6
62.500
+8.51
3
57.6
0
3
HIGH
0.977
—
255
0.9
—
255
LOW
250.000
—
0
230.4
—
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com