Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 106 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 102Page - STMicroelectronics L99LDLH32 Datasheet HTML 103Page - STMicroelectronics L99LDLH32 Datasheet HTML 104Page - STMicroelectronics L99LDLH32 Datasheet HTML 105Page - STMicroelectronics L99LDLH32 Datasheet HTML 106Page - STMicroelectronics L99LDLH32 Datasheet HTML 107Page - STMicroelectronics L99LDLH32 Datasheet HTML 108Page - STMicroelectronics L99LDLH32 Datasheet HTML 109Page - STMicroelectronics L99LDLH32 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 141 page
background image
FTP and RAM memory mapping
L99LDLH32
106/141
DS12879 Rev 5
7.1.19
FTP status 1
Figure 77. FTP status register #1
2TSD
0
Thermal Shutdown Status bit:
0: TJ < T_TSD - T_TSD_HYS, thermal shutdown not active,
device not in autorestart thermal cycling
1: TJ > T_TSD - T_TSD_HYS, thermal shutdown active,
device in autorestart thermal cycling
1
0
Not used
0
PG_NOT_VPRE_REG(1)
1
Power Good Threshold Status bit VPRE_REG:
0: VPRE_REG < PG_TH_VPRE_REG, Power good threshold
reached on VPRE_REG
1: VPRE_REG > PG_TH_VPRE_REG, Power good threshold
not reached on VPRE_REG
1. Whenever PG_NOT_VPRE_REG is set, the application shall temporarily deactivate the Pre-regulator control algorithm, by
two consecutive UNICAST WRITE frames to disable and enable VREF_PRE_REG bit (bit 22 of Chapter 7.1.6).
Table 59. Device status 3 field description (continued)
Bit
Name
Default
Description
Address 2Fh
Access
Burst Read from 2Ch
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
—
—
—
PWM_DUTY_ALL_ALT
Table 60. FTP status 1 field description
Bit
Name
Default
Description
31-22
Not used
21-20
POR_DELAY
00
Power on Reset Delay Time t_POR_DELAY; delay time
before activating outputs in Fail Safe / Stand alone mode
after POR
00: 0 ms
01: 25 ms
10: 50 ms
11: 100 ms
19-18
WD_CONF
00
Watchdog timeout period tWD
00: 50 ms
01: 100 ms
10: 200 ms
11: 25 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com