Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584G80C3 Datasheet(PDF) 132 Page - STMicroelectronics

Part # SPC584G80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584G80C3 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button SPC584G80C3 Datasheet HTML 128Page - STMicroelectronics SPC584G80C3 Datasheet HTML 129Page - STMicroelectronics SPC584G80C3 Datasheet HTML 130Page - STMicroelectronics SPC584G80C3 Datasheet HTML 131Page - STMicroelectronics SPC584G80C3 Datasheet HTML 132Page - STMicroelectronics SPC584G80C3 Datasheet HTML 133Page - STMicroelectronics SPC584G80C3 Datasheet HTML 134Page - STMicroelectronics SPC584G80C3 Datasheet HTML 135Page - STMicroelectronics SPC584G80C3 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 139 page
background image
Revision history
SPC584Gx, SPC58EGx, SPC58NGx
132/139
DS11758 Rev 6
06-Jul-2017
3 (cont’)
Table 27: SARn ADC electrical specification:
– Classification for parameter “IADCREFH” changed from “C” to “T”.
– Removed parameter “TUEINJ2”
– For parameter fADCK (High frequency mode), changed min value
from “7.5” to “> 13.33”.
– Deleted footnote “Values are subject to change (possibly improved
to ±2 LSB) after characterization”
Table 28: ADC-Comparator electrical specification:
– Classification for parameter “IADCREFH” changed from “C” to “T”
– Removed table footnote “Values are subject to change (possibly
improved to ±2 LSB) after characterization”
– Removed parameter “TUEINJ2”
Updated Figure 8: Input equivalent circuit (Fast SARn and SARB
channels)
Table 29: Temperature sensor electrical characteristics:
– For “temperature monitoring range”, classification removed (was C)
– Min and Max value of parameter “
ΔPERREF” for condition “Long
period” updated from “TBD” to “-500” and “+500” respectively.
Table 31: LFAST transmitter electrical characteristics,,:
– Footnote “The transition time is measured from...” removed.
Updated Figure 26: DSPI CMOS master mode — classic timing,
CPHA = 1
Table 30: LVDS pad startup and receiver electrical characteristics,:
– For parameter ILVDS_BIAS, changed the characteristics to “C”
Table 32: LFAST PLL electrical characteristics:
– Min and Max value of parameter “ERRREF” updated from “TBD” to
“-1” and “+1” respectively
– Max value of parameter “PN” updated from “TBD” to “-58”
– Frequency of parameter “
ΔPERREF” updated from “10MHz” to
“20MHz”.
– Max value of parameter “
ΔPERREF” for condition “Single period”
updated from “TBD” to “350”
Table 33: Power management regulators:
– Removed text “In parts packaged with LQFP176, the auxiliary and
clamp regulators cannot be enabled” from note 2.
– Removed “SMPS regulator mode” from note 2.
Table 34: External components integration:
– For PMOS, replaced “STT4P3LLH6” with “PMPB100XPEA”
– For NMOS, replaced “STT6N3LLH6” with “PMPB55XNEA”
– Added table footnote to typ value of CS2.
– Removed table footnote “External components number.......”
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com