Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3II Datasheet(PDF) 233 Page - STMicroelectronics

Part # STM32H7A3II
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3II Datasheet(HTML) 233 Page - STMicroelectronics

Back Button STM32H7A3II Datasheet HTML 229Page - STMicroelectronics STM32H7A3II Datasheet HTML 230Page - STMicroelectronics STM32H7A3II Datasheet HTML 231Page - STMicroelectronics STM32H7A3II Datasheet HTML 232Page - STMicroelectronics STM32H7A3II Datasheet HTML 233Page - STMicroelectronics STM32H7A3II Datasheet HTML 234Page - STMicroelectronics STM32H7A3II Datasheet HTML 235Page - STMicroelectronics STM32H7A3II Datasheet HTML 236Page - STMicroelectronics STM32H7A3II Datasheet HTML 237Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 233 / 237 page
background image
Table 106. COMP characteristics............................................................... 156
Table 107. Operational amplifier characteristics ..................................................... 157
Table 108. DFSDM measured timing 1.62-3.6 V .................................................... 159
Table 109. DCMI characteristics ............................................................... 162
Table 110. PSSI transmit characteristics .......................................................... 163
Table 111. PSSI receive characteristics .......................................................... 163
Table 112. LTDC characteristics ............................................................... 165
Table 113. TIMx characteristics ................................................................ 167
Table 114. LPTIMx characteristics .............................................................. 167
Table 115. Minimum i2c_ker_ck frequency in all I2C modes ............................................ 167
Table 116. I2C analog filter characteristics ........................................................ 168
Table 117. USART characteristics .............................................................. 168
Table 118. SPI dynamic characteristics........................................................... 170
Table 119. I2S dynamic characteristics ........................................................... 173
Table 120. SAI characteristics ................................................................. 175
Table 121. MDIO Slave timing parameters ........................................................ 177
Table 122. Dynamics characteristics: SDMMC characteristics, VDD=2.7 to 3.6 V .............................. 177
Table 123. Dynamics characteristics: eMMC characteristics VDD=1.71V to 1.9V .............................. 178
Table 124. Dynamics characteristics: USB OTG_FS.................................................. 180
Table 125. Dynamics characteristics: USB ULPI .................................................... 180
Table 126. Dynamics JTAG characteristics ........................................................ 181
Table 127. Dynamics SWD characteristics ........................................................ 181
Table 128. LQFP64 - Mechanical data ........................................................... 185
Table 129. LQFP100 - Mechanical data .......................................................... 189
Table 130. TFBGA100 - Mechanical data ......................................................... 193
Table 131. TFBGA100 - Recommended PCB design rules (0.8 mm pitch BGA) ............................... 194
Table 132. WLCSP132 - Mechanical data ......................................................... 197
Table 133. WLCSP132 - Recommended PCB design rules ............................................. 198
Table 134. LQFP144 - Mechanical data .......................................................... 200
Table 135. LQFP176 - Mechanical data .......................................................... 204
Table 136. TFBGA216 - Mechanical data ......................................................... 208
Table 137. TFBGA216 - Recommended PCB design rules (0.8 mm pitch) .................................. 209
Table 138. TFBGA225 - Mechanical data ..........................................................211
Table 139. TFBGA225 - Recommended PCB design rules (0.8 mm pitch) .................................. 212
Table 140. UFBGA169 - Mechanical data ......................................................... 214
Table 141. UFBGA169 - recommended PCB design rules (0.5 mm pitch BGA) ............................... 215
Table 142. UFBGA(176+25) - Mechanical data ..................................................... 217
Table 143. UFBGA(176+25) - Recommended PCB design rules (0.65 mm pitch BGA) .......................... 218
Table 144. Thermal characteristics.............................................................. 219
Table 145. Document revision history ............................................................ 223
STM32H7A3xI/G
List of tables
DS13195 - Rev 8
page 233/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com