Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L062C8U6DTR Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32L062C8U6DTR
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062C8U6DTR Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32L062C8U6DTR Datasheet HTML 103Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 104Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 105Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 106Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 107Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 108Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 109Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 110Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 124 page
background image
DS10183 Rev 11
107/124
STM32L062x8
Package information
117
7.3
Thin WLCSP36 package information
Figure 37. Thin WLCSP36 - 2.61 x 2.88 mm, 0.4 mm pitch wafer level chip scale
package outline
1. Drawing is not to scale.
2. b dimensions is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
F
G
e1
e
e
e2
A1 Ball location
A1
bbb Z
b
A
A3
A2
DETAIL A
BOTTOM VIEW
SIDE VIEW
E
D
A1 ORIENTATION
REFERENCE
TOP VIEW
DETAIL A
ROTATED 90
BUMP
eee Z
b (36x)
ccc
Z
ddd
Z
X Y
SEATING PLANE
A1
aaa
A097_ME_V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com