Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L062C8U6DTR Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32L062C8U6DTR
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062C8U6DTR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32L062C8U6DTR Datasheet HTML 116Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 117Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 118Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 119Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 120Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 121Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 122Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 123Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 124 page
background image
DS10183 Rev 11
121/124
STM32L062x8
Revision history
123
26-Oct-
2015
5
Added LQFP32 package.
Removed SPI2, I2S, I2C2, LPUART and VDD_USB in the whole document.
Changed number of ADC channels to 10.
Corrected number of GPIOs in Table 1: Ultra-low-power STM32L062x8 device
features and peripheral counts.
Updated current consumption in Run mode in Section : Features.
Removed GPIOD and H from Figure 1: STM32L062x8 block diagram.
Updated Table 8: Capacitive sensing GPIOs available on STM32L062x8
devices.
Updated Figure 6: STM32L062x8 UFQFPN32 pinout.
Renamed BOOT1 into nBOOT1.
Changed USARTx_RTS into USARTx_RTS_DE.
ADC no more available in Low-power run and Low-power Sleep modes in
Table 4: Functionalities depending on the working mode (from Run/active
down to standby).
Added I2C alternate functions on PB6/7 in Table 17: Alternate functions for port
B.
In whole Section 6: Electrical characteristics, modified notes related to
characteristics guaranteed by design and by tests during characterization.
Updated Table 18: Voltage characteristics.
Updated ΣIIO(PIN) in Table 19: Current characteristics.
UpdatedFigure 13: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-power run
mode, code running from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS ,
Figure 14: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Stop mode with RTC
enabled and running on LSE Low drive and Figure 15: IDD vs VDD, at TA=
25/55/85/105/125 °C, Stop mode with RTC disabled, all clocks OFF.
Changed temperature condition in Table 7: Internal voltage reference
measured values and Table 23: Embedded internal reference voltage
calibration values.
Updated TCoeff in Table 24: Embedded internal reference voltage.
Added note 1 in Table 34: Peripheral current consumption in Stop and Standby
mode.
Updated Table 35: Low-power mode wakeup timings.
Added MSI oscillator temperature frequency drift in Table 41: MSI oscillator
characteristics.
Updated Table 46: EMS characteristics and Table 47: EMI characteristics.
Updated Table 55: ADC characteristics.
Section : I2C interface characteristics: updated introduction, Table 64: I2C
analog filter characteristics.
Updated Figure 28: SPI timing diagram - slave mode and CPHA = 0.
Updated note below Figure 41: LQFP32 marking example (package top view)
and Figure 44: UFQFPN32 marking example (package top view).
Updated Ilkg in Table 50: I/O current injection susceptibility and Table 51: I/O
static characteristics.
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com