Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151VBH7ADTR Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32L151VBH7ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VBH7ADTR Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32L151VBH7ADTR Datasheet HTML 114Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 115Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 116Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 117Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 118Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 119Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 120Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 121Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 129 page
background image
Package information
STM32L151x6/8/B-A STM32L152x6/8/B-A
118/129
DocID024330 Rev 4
7.5
UFBGA100 7 x 7 mm, 0.5 mm pitch, ultra thin fine-pitch ball
grid array package information
Figure 42. UFBGA100, 7 x 7 mm, 0.5 mm pitch, ultra thin fine-pitch ball grid array
package outline
1. Drawing is not to scale.
Table 68. UFBGA100 7 x 7 mm, 0.5 mm pitch, ultra thin fine-pitch ball grid array
package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
-
-
0.6
-
-
0.0236
A1
0.05
0.08
0.11
0.002
0.0031
0.0043
A2
0.4
0.45
0.5
0.0157
0.0177
0.0197
A3
0.08
0.13
0.18
0.0031
0.0051
0.0071
A4
0.27
0.32
0.37
0.0106
0.0126
0.0146
b
0.2
0.25
0.3
0.0079
0.0098
0.0118
D
6.95
7
7.05
0.2736
0.2756
0.2776
D1
5.45
5.5
5.55
0.2146
0.2165
0.2185
E
6.95
7
7.05
0.2736
0.2756
0.2776
E1
5.45
5.5
5.55
0.2146
0.2165
0.2185
e
-
0.5
-
-
0.0197
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com