Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 184Page - STMicroelectronics STM32W108HB Datasheet HTML 185Page - STMicroelectronics STM32W108HB Datasheet HTML 186Page - STMicroelectronics STM32W108HB Datasheet HTML 187Page - STMicroelectronics STM32W108HB Datasheet HTML 188Page - STMicroelectronics STM32W108HB Datasheet HTML 189Page - STMicroelectronics STM32W108HB Datasheet HTML 190Page - STMicroelectronics STM32W108HB Datasheet HTML 191Page - STMicroelectronics STM32W108HB Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
188/278
Doc ID 16252 Rev 14
Using one timer to start the other timer
In this example, the enable of Timer 2 is set with the update event of Timer 1. Refer to
Figure 45 for connections. Timer 2 starts counting from its current value (which can be non-
zero) on the divided internal clock as soon as Timer 1 generates the update event.
When Timer 2 receives the trigger signal its CEN bit is automatically set and the counter
counts until 0 is written to the CEN bit in the TIM2_CR1 register. Both counter clock
frequencies are divided by 3 by the prescaler compared to CK_INT (fCK_CNT =
fCK_INT/3).
●
Configure Timer 1 in master mode to send its update event as trigger output (MMS =
010 in the TIM1_CR2 register).
●
Configure the Timer 1 period (TIM1_ARR register).
●
Configure Timer 2 to get the input trigger from Timer 1 (TS = 000 in the TIM2_SMCR
register).
●
Configure Timer 2 in trigger mode (SMS = 110 in the TIM2_SMCR register).
●
Start Timer 1: Write 1 in the CEN bit (TIM1_CR1 register).
Figure 48.
Triggering timer 2 with update of Timer 1
As in the previous example, both counters can be initialized before starting counting.
Figure 47 shows the behavior with the same configuration shown in Figure 48, but in trigger
mode instead of gated mode (SMS = 110 in the TIM2_SMCR register).
TIE
Clear TIE
FD
FE
FF
00
01
45
47
48
CK_INT
TIMER1-UEV
TIM1-CNT
TIM2-CNT
02
46
TIM2_CR1 CEN=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com