Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I-MGBIC-GLX-C Datasheet(PDF) 6 Page - ATGBICS by Approved Technology

Part # I-MGBIC-GLX-C
Description  I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GLX-C Datasheet(HTML) 6 Page - ATGBICS by Approved Technology

  I-MGBIC-GLX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 8Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 9Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_I-MGBIC-GLX-C_V1
Page 6 of 9
Product Datasheet
SFP Module EEPROM Information and Management
The SFP modules implement the 2-wire serial communication protocol as defined in the SFP -8472.The serial
ID information of the SFP modules and Digital Diagnostic Monitor parameters can be accessed through the
I2C interface at address A0h and A2h. The memory is mapped in Table 1. Detailed ID information(A0h) is listed
in Table 2. And the DOM specification at address A2h. For more details of the memory map and byte
definitions, please refer to the SFF-8472, “Digital Diagnostic Monitoring Interface for Optical Transceivers”.
The DOM parameters have been internally calibrated.
Table 1 - Digital Diagnostic Memory Map (Specific Data Field Descriptions)


Similar Part No. - I-MGBIC-GLX-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Similar Description - I-MGBIC-GLX-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
I-MGBIC-LC03-C ATGBICS-I-MGBIC-LC03-C Datasheet
322Kb / 9P
   I-MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
MGBIC-LC03-C ATGBICS-MGBIC-LC03-C Datasheet
322Kb / 9P
   MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
MGBIC-LC09-C ATGBICS-MGBIC-LC09-C Datasheet
322Kb / 9P
   MGBIC-LC09 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
BTI-MGBIC-GLX-LC-C ATGBICS-BTI-MGBIC-GLX-LC-C Datasheet
322Kb / 9P
   BTI-MGBIC-GLX-LC Telco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
   SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
1000BASE-LX-SFP-C ATGBICS-1000BASE-LX-SFP-C Datasheet
322Kb / 9P
   1000BASE-LX-SFP Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1GE-LX-C ATGBICS-SFP-1GE-LX-C Datasheet
322Kb / 9P
   SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GIG-LX-C ATGBICS-SFP-GIG-LX-C Datasheet
325Kb / 9P
   SFP-GIG-LX Alcatel Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-DGD-LX-C ATGBICS-SFP-DGD-LX-C Datasheet
322Kb / 9P
   SFP-DGD-LX MRV Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SMC1GSFP-LX-C ATGBICS-SMC1GSFP-LX-C Datasheet
322Kb / 9P
   SMC1GSFP-LX SMC Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com