Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCDA25SSC4-00.5B Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # DCDA25SSC4-00.5B
Description  DURA-CON ALL PLASTIC MICRO-D, SOLDER CUP AND WIRE TERMINATED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DCDA25SSC4-00.5B Datasheet(HTML) 1 Page - Bel Fuse Inc.

  DCDA25SSC4-00.5B Datasheet HTML 1Page - Bel Fuse Inc. DCDA25SSC4-00.5B Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
A
8
7
C
D
8
7
6
5
4
6
5
4
B
3
2
1
A
3
2
C
1
D
A
D
E
B
C
F
.199
.094
.395
.360
.110 Max.
.200 Max.
A
D
E
C
F
.180
.094
.375
.154 Max.
.200 Max.
B
1
CONFIDENTIAL
THIS DOCUMENT IS THE PROPERTY OF CINCH.
NEITHER THIS DOCUMENT NOR ANY OF
THE INFORMATION CONTAINED IN IT MAY
BE DUPLICATED OR DISCLOSED WITHOUT
PRIOR WRITTEN CONSENT OF CINCH.
©COPYRIGHT 2009 CINCH
DCDAXXXX
DCDAXXXX
DURA-CON ALL PLASTIC MICRO-D,
SOLDER CUP AND WIRE TERMINATED
3/14/22
J. WARRAICH
NO. OF
CONTACTS
A ± .010" B MAX. (Plug)
Min. (Socket)
C
+.010"
-.018"
D
±.005"
E
± .010"
F Max.
9 Plug
.778
.2918
.398
.565
.208
.173
9 Socket
.778
.2922
.398
.565
.208
.173
15 Plug
.928
.4418
.548
.715
.208
.173
15 Socket
.928
.4422
.548
.715
.208
.173
21 Plug
1.078
.5918
.698
.865
.208
.173
21 Socket
1.078
.5922
.698
.865
.208
.173
25 Plug
1.178
.6918
.798
.965
.208
.173
25 Socket
1.178
.6922
.798
.965
.208
.173
31 Plug
1.328
.8418
.948
1.115
.208
.173
31 Socket
1.328
.8422
.948
1.115
.208
.173
37 Plug
1.478
.9918
1.098
1.265
.208
.173
37 Socket
1.478
.9922
1.098
1.265
.208
.173
51 Plug
1.428
.9418
1.048
1.215
.250
.220
51 Socket
1.428
.9422
1.048
1.215
.250
.220
DRAWING REVISIONS
(RELEASE DATE ON FILE)
APPROVAL
DATE
APP
DOCUMENT
REV
ON FILE
JW
CCS XXXXX
SHEET 1 OF 2
NONE
B
71785
APPROVALS
ON FILE
SCALE
SIZE
CAGE IDENT NO.
DRAWING NUMBER
CAD FILE NUMBER
PROJECT NUMBER
FINISH
MATERIAL SPEC NUMBER
CONTROL SPEC NUMBER
MATERIAL
UNLESS OTHERWISE SPECIFIED:
ALL DIMENSIONS ARE IN INCHES
CATALOG DRAWING
TITLE
DATE
DESIGN ENGINEER
1700 FINLEY RD
LOMBARD, IL. 60148
PRO/E
ENGLISH INCHES
UNITS
MODELED BY:
Two Mfg. Holes
.096/.088
Wire Terminated
Solder Cup
Two Mfg. Holes
.096/.088 Dia.
Wire Terminated
Solder Cup
Plug
Socket


Similar Part No. - DCDA25SSC4-00.5B

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
DCDA1-0182 WALL-DCDA1-0182 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
DCDA1-0252 WALL-DCDA1-0252 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
DCDA1-0332 WALL-DCDA1-0332 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
DCDA1-052 WALL-DCDA1-052 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
More results

Similar Description - DCDA25SSC4-00.5B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-030-1-9P GLENAIR-240-030-1-9P Datasheet
156Kb / 2P
Micro-D Filter Connectors Solder Cup
MWDL-9PSB GLENAIR-MWDL-9PSB Datasheet
144Kb / 2P
MWD Series Micro-D Plastic Shell Solder Cup
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
Micro-D Metal Shell MWDM Solder Cup Connectors
logo
List of Unclassifed Man...
DCDM9SSB ETC2-DCDM9SSB Datasheet
839Kb / 37P
Dura-Con High Reliability All-Plastic
logo
Bel Fuse Inc.
DCHMXXP6N6-36.0BN-HT1 BEL-DCHMXXP6N6-36.0BN-HT1 Datasheet
698Kb / 2P
High Temprature ?쏡CHM??Dura-Con Micro-D Plug Connectors
logo
Glenair, Inc.
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
Micro-D Metal Shell MWDM Solder Cup Connectors
logo
Ulti-Mate Connector Inc
SD-834171007 ULTI-MATE-SD-834171007 Datasheet
208Kb / 1P
MICRO-D SOLDER CUP CONNECTOR, PLUG, SIZE 51-3, JACKPOSTS, SOLDER CUP ACCEPTS 24 AWG WIRE
10/14/16
SD-834211002 ULTI-MATE-SD-834211002 Datasheet
114Kb / 1P
MICRO-D SOLDER CUP CONNECTOR, "MR" SERIES, MR09T02-S01
4/24/17
SD-834528000 ULTI-MATE-SD-834528000 Datasheet
75Kb / 1P
MICRO-D CONNECTOR, SOLDER CUP, PLUG, SIZE 15 PR15N0
07/10/2013
SD-834778002 ULTI-MATE-SD-834778002 Datasheet
177Kb / 1P
MICRO-D SOLDER CUP CONNECTOR, BR51-3N02, PLUG, SIZE 51-3, 2-56 JACKSCREWS, SOLDER CUP ACCEPTS 24 AWG WIRE
11/7/16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com