Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR4M00G55-R0 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M00G55-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M00G55-R0 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd

  CSTCR4M00G55-R0_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CSTCR4M00G55-R0_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTCR4M00G55-R0_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 3 page
background image
Document No. JGC42-8784
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 7/16
10. 機械的性能
Physical Characteristics
項 目
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
10-1 自然落下
Free Fall
製品単品状態で、1.0mの高さから木板(樫の木)に
3 回自然落下させた 後、測定し ます。試験方法は
IEC60068-2-31に準拠します。
Component shall be measured after 3 times free
fall onto a wooden plate (Oak tree) from a height of
1.0m. Testing procedure is in accordance with
IEC60068-2-31.
外観に異常がなく、表1
及び5-5を満足します。
No
visible
damage
and
the
measured
values
shall
meet
Table 1 and Item 5-5.
10-2 正弦波振動
Vibration
(Sinusoidal)
製品を試験用基板に実装した状態で、振動周波数
10~55Hz、全振幅1.5mmの振動をX,Y,Zの3方向に
各 2 時間加えた 後 、測定します。試験方法は
IEC60068-2-6に準拠します。
Component shall be soldered on the test board.
Then it shall be measured after being applied
vibration
of
amplitude
1.5mm
and
vibration
frequency 10 to 55Hz to each of 3 perpendicular
directions for 2 hours. Testing procedure is in
accordance with IEC60068-2-6.
表1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
10-3 基板たわみ
Board Flex
下図に示すたわみ試験用基板に実装し、矢印の方向
に5回たわませた後、測定します。
たわみ基板:第2図に示します。
たわみ量 :1mm
保持時間 :1秒
基板厚み :1.6mm
Component shall be soldered on the test board.
Then it shall be measured after being applied
pressure in vertical direction shown in the figure
below for 5 times until the bent width reaches 1mm
and hold for 1 second
Test PCB: See Figure 2.
PCB thickness: 1.6mm
20
10
Part
PCB
R10
45
45
Load
Deflection
Stick
5 Supporter
φ
1 Off-Center
加圧棒
加圧
1センターズレ
部品
5支持台
たわみ
±
φ
±
表1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com