Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 181 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 177Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 178Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 179Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 180Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 181Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 182Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 183Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 184Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
Programmable counter array (PCA) with PWM
181/300
27
Programmable counter array (PCA) with PWM
There are two Programmable Counter Array blocks (PCA0 and PCA1) in the UPSD34xx. A
PCA block consists of a 16-bit up-counter, which is shared by three TCM (Timer Counter
Module). A TCM can be programmed to perform one of the following four functions:
1.
Capture Mode: capture counter values by external input signals
2.
Timer Mode
3.
Toggle Output Mode
4.
PWM Mode: fixed frequency (8-bit or 16-bit), programmable frequency (8-bit only)
27.1
PCA block
The 16-bit Up-Counter in the PCA block is a free-running counter (except in PWM Mode
with programmable frequency). The Counter has a choice of clock input: from an external
pin, Timer 0 Overflow, or PCA Clock.
A PCA block has 3 Timer Counter Modules (TCM) which share the 16-bit Counter output.
The TCM can be configured to capture or compare counter value, generate a toggling
output, or PWM functions. Except for the PWM function, the other TCM functions can
generate an interrupt when an event occurs.
Every TCM is connected to a port pin in Port 4; the TCM pin can be configured as an event
input, a PWMs, a Toggle Output, or as External Clock Input. The pins are general I/O pins
when not assigned to the TCM.
The TCM operation is configured by Control registers and Capture/Compare registers.
Table 143 on page 182 lists the SFR registers in the PCA blocks.
Figure 57.
PCA0 block diagram
Timer0
overflow
P4.3/ECI
PCACH0
8-bit
PCACL0
8-bit
CLKSEL1
Idle mode
(from CPU)
OVF0
INT
EOVFI
TCM0
TCM1
TCM2
PWM Freq
compare
P4.0/CEX0
P4.1/CEX1
P4.2/CEX2
16-bit up timer/counter
CLKSEL0
PCAIDLE
PCA0CLK
Clear counter
EN_PCA
EN_ALL
AI07857b
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com