| Electronic Components Datasheet Search |
|
UPSD3422EB40U6 Datasheet(PDF) 207 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 Datasheet(HTML) 207 Page - STMicroelectronics |
|
207 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 PSD module 207/300 28.5 PSD module detailed operation Specific details are given here for the following key functional areas on the PSD module: ● Flash Memories ● PLDs (DPLD and GPLD) ● I/O Ports ● Power Management ● JTAG ISP and Debug Interface 28.5.1 Flash memory operation The Flash memories are accessed through the 8032 Address, Data, and Control Bus interfaces. Flash memories (and SRAM) cannot be accessed by any other bus master other than the 8032 MCU (these are not dual-port memories). The 8032 cannot write to Flash memory as it would an SRAM (supply address, supply data, supply WR strobe, assume the data was correctly written to memory). Flash memory must first be “unlocked” with a special instruction sequence of byte WRITE operations to invoke an internal algorithm inside either Flash memory array, then a single data byte is written (programmed) to the Flash memory array, then programming status is checked by a byte READ operation or by checking the Ready/Busy pin (PC3). Table 163 on page 209 lists all of the special instruction sequences to program a byte to either of the Flash memory arrays, erase the arrays, and check for different types of status from the arrays. PMMR0 B0h Power management register 0. WRITE and READ. Table 200 on page 249 PMMR2 B4h Power management register 2. WRITE and READ. Table 201 on page 249 PMMR3 C7h Power management register 3. WRITE and READ. However, Bit 1 can be cleared only by a reset condition. Table 202 on page 250 Page E0h Memory page register. WRITE and READ. Table 62 on page 194 VM (Virtual Memory) E2h Places PSD module memories into 8032 Program Address Space and/or 8032 XDATA Address Space. (VM overrides initial non-volatile setting that was specified in PSDsoft Express. Reset restores initial setting) Table 160 on page 203 Table 162. CSIOP registers and their offsets (in hexadecimal) (continued) Register name Port A (80-pin) Port B Port C Port D Other Description Link Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |