Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72334J2B7 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST72334J2B7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2B7 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST72334J2B7 Datasheet HTML 112Page - STMicroelectronics ST72334J2B7 Datasheet HTML 113Page - STMicroelectronics ST72334J2B7 Datasheet HTML 114Page - STMicroelectronics ST72334J2B7 Datasheet HTML 115Page - STMicroelectronics ST72334J2B7 Datasheet HTML 116Page - STMicroelectronics ST72334J2B7 Datasheet HTML 117Page - STMicroelectronics ST72334J2B7 Datasheet HTML 118Page - STMicroelectronics ST72334J2B7 Datasheet HTML 119Page - STMicroelectronics ST72334J2B7 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
116/125
MEMORY AND PERIPHERAL CHARACTERISTICS (Cont’d)
Notes:
1) Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2) Data based on characterization results, not tested in production.
3) Tested in production at TA=25°C, characterized over the whole temperature range.
4) ADC Accuracy vs. Negative Injection Current:
For IINJ-=0.8mA, the typical leakage induced inside the die is 1.6µA and the effect on the ADC accuracy is a loss of 1 LSB
for each 10K
Ω increase of the external analog source impedance. This effect on the ADC accuracy has been observed
under worst-case conditions for injection:
- negative injection
- injection to an Input with analog capability, adjacent to the enabled Analog Input
-at 5V VDD supply, and worst case temperature.
ADC Analog to Digital Converter (8-bit)
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
fADC
Analog control frequency
VDD=VDDA=5V
4 2)
MHz
|TUE|
Total unadjusted error 4)
TA=25°C,VDD=VDDA=5V,
3)
fCPU=8MHz,fADC=4MHz
1
LSB
OE
Offset error 4)
-0.5
0.5
GE
Gain Error 4)
-0.5
0.5
|DLE|
Differential linearity error 4)
0.5
|ILE|
Integral linearity error 4)
0.5
VAIN
Conversion range voltage
VSSA
VDDA
V
IADC
A/D conversion supply current
fCPU=8MHz, fADC=4MHz
VDD=VDDA=5V
1mA
tSTAB
Stabilization time after ADC enable
1
µs
tLOAD
Sample capacitor loading time
1
4
µs
1/fADC
tCONV
Hold conversion time
2
8
µs
1/fADC
RAIN
External input resistor
15 2)
k
Ω
RADC
Internal input resistor
1.5
k
Ω
CSAMPLE Sample capacitor
6
pF
OE
GE
1 LSB (ideal)
1LS B
i deal
V
DDA
V
SSA
–
256
----------------------------------------
-
=
Vin (LSBideal)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
TUE=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
OE=Offset Error: deviation between the first actual
transition and the first ideal one.
GE=Gain Error: deviation between the last ideal
transition and the last actual one.
DLE=Differential Linearity Error: maximum devia-
tion between actual steps and the ideal one.
ILE=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
255
254
253
5
4
3
2
1
0
7
6
12
34
567
253 254 255 256
(1)
(2)
TUE
DLE
ILE
(3)
VDDA
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com