Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72334J2T7 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST72334J2T7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2T7 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST72334J2T7 Datasheet HTML 111Page - STMicroelectronics ST72334J2T7 Datasheet HTML 112Page - STMicroelectronics ST72334J2T7 Datasheet HTML 113Page - STMicroelectronics ST72334J2T7 Datasheet HTML 114Page - STMicroelectronics ST72334J2T7 Datasheet HTML 115Page - STMicroelectronics ST72334J2T7 Datasheet HTML 116Page - STMicroelectronics ST72334J2T7 Datasheet HTML 117Page - STMicroelectronics ST72334J2T7 Datasheet HTML 118Page - STMicroelectronics ST72334J2T7 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
115/125
MEMORY AND PERIPHERAL CHARACTERISTICS (Cont’d)
Note:
1) Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
SCI Serial Communication Interface
Symbol
Parameter
Conditions
Typ 1)
Unit
fTx or fRx
Communication frequency
(precision vs. standard ~0.16%)
fCPU=8MHz
Standard Mode
TR (resp.RR)=64, PR=13
TR (resp.RR)=16, PR=13
TR (resp.RR)= 8, PR=13
TR (resp.RR)= 4, PR=13
TR (resp.RR)= 2, PR=13
TR (resp.RR)= 8, PR= 3
TR (resp.RR)= 1, PR=13
~300.48
~1201.92
~2403.84
~4807.69
~9615.38
~10416.67
~19230,77
Hz
Extended Mode
ETPR (resp.ERPR) = 13
~38461.54
See “STANDARD I/O PORT PINS” description for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com